Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX625P4 Datasheet(PDF) 20 Page - CML Microcircuits

Part # CMX625P4
Description  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625P4 Datasheet(HTML) 20 Page - CML Microcircuits

Back Button CMX625P4 Datasheet HTML 16Page - CML Microcircuits CMX625P4 Datasheet HTML 17Page - CML Microcircuits CMX625P4 Datasheet HTML 18Page - CML Microcircuits CMX625P4 Datasheet HTML 19Page - CML Microcircuits CMX625P4 Datasheet HTML 20Page - CML Microcircuits CMX625P4 Datasheet HTML 21Page - CML Microcircuits CMX625P4 Datasheet HTML 22Page - CML Microcircuits CMX625P4 Datasheet HTML 23Page - CML Microcircuits CMX625P4 Datasheet HTML 24Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ISDN TA POTS Interface
CMX625
 2001 Consumer Microcircuits Limited
20
D/625/2
1.5.14 Register Set
Write Only Registers
Data Byte Structure
Addr.
Register
7
6
5
4
3
2
1
0
$1
RESET
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
$3
SETUP
Tx Output
Buffer
0=Disable
1=Enable
Tx Enable
0=Disable
1=Enable
DTMF Rx:
0=Disable
1=Enable
SPM:
0=12kHz
1=16kHz
Ring Signal
Select [1]
Ring Signal
Select [0]
FSK Mode:
0=Sync
1=Async
FSK Mode:
0=V23
1=Bell 202
$4
MODE
SPM O/P:
0=Disable
1=Enable
Tone/FSK:
0=Disable
1=Enable
Tone/FSK:
0=Tone
1=FSK
Tx Level:
MSB
Tx Level:
Tx Level:
LSB
Tone Fields:
MSB
Tone Fields:
LSB
$5
TX
DATA
D7
MSB
D6
D5
D4
D3
D2
D1
D0
LSB
$6
TX
TONES
D7
MSB
D6
D5
D4
LSB
D3
MSB
D2
D1
D0
LSB
$8
IOM
CONTROL
Codec
Channel
Select [1]
Codec
Channel
Select [0]
0
IC Channel
Bus Reversal
0=Normal
1=Reverse
Remote
Digital IOM
Loopback
0=No loopbk
1=Loopback
C/I1
Channel
Output
Control [2]
C/I1
Channel
Output
Control [1]
C/I1
Channel
Output
Control [0]
$9
INT-
ERRUPT
MASK
Mask
Status [7]
Mask
Status [6]
Mask
Status [5]
Mask
Status [4]
Mask
Status [3]
Mask
Status [2]
0
0
$C
CODEC
CONTROL
Codec
Enable
0=Disable
1=Enable
PCM Codec:
0=A-Law
1=µ-Law
Local
Analogue
Loopback
0=No loopbk
1=Loopback
0
0
0
0
0
Read Only Registers
Data Byte Structure
Addr.
Register
7
6
5
4
3
2
1
0
$0
DEVICE
ID
1
0
0
1
1
0
0
1
$A
STATUS
FSK Mode:
FSK Tx Data
Underflow
FSK Mode:
FSK Tx Data
Ready
DTMF Rx:
Status
Change
DTMF Rx:
1=Detected
0=No Tone
Time Out
IOM:
Tx
Abort
IOM:
Rx
Abort
0
0
$B
DTMF RX
DATA
0
0
0
0
DTMF:
Rx Data
(D3 MSB)
DTMF:
Rx Data
(D2)
DTMF:
Rx Data
(D1)
DTMF:
Rx Data
(D0 LSB)
Notes:
1. Accessing the RESET Register clears all of the bits in the SETUP, MODE, TX DATA, TX TONES,
IOM CONTROL, INTERRUPT MASK, CODEC CONTROL, STATUS and DTMF RX DATA registers
and will initialise the device. This a single-byte transaction consisting of the address byte value $1.
2. If any of bits 2, 3, 4, 5, 6 or 7 of the STATUS Register is ‘1’ then the IRQN output will be pulled low
when the appropriate bit contains an unmasked logic ‘1’ in the INTERRUPT MASK Register.
3. Reading the STATUS Register clears the IRQN output (when the appropriate bit contains an
unmasked logic ‘1’ in the INTERRUPT MASK Register) and also clears all the STATUS Register bits 2
to 7, if set.
1.5.15 Programming the CMX625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com