Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX625P4 Datasheet(PDF) 11 Page - CML Microcircuits

Part # CMX625P4
Description  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625P4 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button CMX625P4 Datasheet HTML 7Page - CML Microcircuits CMX625P4 Datasheet HTML 8Page - CML Microcircuits CMX625P4 Datasheet HTML 9Page - CML Microcircuits CMX625P4 Datasheet HTML 10Page - CML Microcircuits CMX625P4 Datasheet HTML 11Page - CML Microcircuits CMX625P4 Datasheet HTML 12Page - CML Microcircuits CMX625P4 Datasheet HTML 13Page - CML Microcircuits CMX625P4 Datasheet HTML 14Page - CML Microcircuits CMX625P4 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
ISDN TA POTS Interface
CMX625
 2001 Consumer Microcircuits Limited
11
D/625/2
Each channel consists of the following 4 bytes:
(i)
The first two bytes consist of two 64kbps data channels, labelled ‘B1’ and ‘B2’, and transfer B channel
data to and from the network.
(ii) The third byte, labelled ‘Monitor’, is used for programming and controlling devices attached to the
IOM-2 interface. The data structure within the monitor channel is not defined and will be device
specific. The CMX625 is programmed via the monitor channel (see section 1.5.15).
(iii) In digital applications (ISDN line cards) the fourth byte contains two bits for the 16kbps ‘D’ channel,
four ‘Command/Indicate’ (C/I) bits for real time status information and two handshake bits for
supporting the handling of the monitor channel, labelled ‘MR’ and ‘MX’ (monitor transmit and receive).
The handshake procedure is described in section 1.5.4. In analogue applications (analogue line
cards) there is no 'D' channel in the fourth byte so the adjacent C/I channel is increased to 6 bits. The
C/I1 channel bits are used in the same way as for Terminal Mode.
1.5.4
Monitor Channel Handshake Protocol
The Monitor channel operates on an event driven basis. While data transfers on the bus take place
synchronised to the frame sync, the flow of data is controlled by a handshake procedure using the
outgoing MX (monitor transmit) and incoming MR (monitor receive) bits. Data is placed onto the monitor
channel and the MX bit is activated. This data will be transmitted repeatedly (once per 8kHz frame) until
the transfer is acknowledged (ACK) via the MR bit. The actual data rate is not fixed but is dependent upon
the response speed of the transmitter and receiver. The protocol is applicable to both TE and non-TE
modes.
Byte 1
Byte 2
Byte 3
Byte n
ACK
ACK
ACK
ACK
125µs
EOM
MR
MX
Data
Figure 5 Monitor Handshake Timing (general case)
Figure 5 shows the general case for monitor handshake timing. The first byte of data is placed on the bus
and MX is activated (low). MX remains active and the data remains valid until an inactive-to-active
transition of MR is received, indicating that the receiver has read the data off the bus. The next byte is
placed on the bus after the inactive-to-active transmission of MR, as early as the next frame (there is no
limit to the maximum number of frames). At the time that the second byte is transmitted, MX is returned
inactive (high) for one frame (MX inactive for more than one frame indicates an End of Message). In
response to MX going active (low), MR will be deactivated (high) for one frame (the MX inactive to MR
inactive delay can be any number of frames). This procedure is repeated for each additional byte. The
transmitter sends an End of Message (EOM), after the last byte of data has been transmitted, by not
reactivating MX after deactivating it.
The receiver can hold off the transmitter by keeping MR active until the receiver is ready for the next byte.
The transmitter will not start the next transmission cycle until MR goes inactive.
The transmitter is able to abort a transmission by holding MX inactive (high) for two or more frames, this
will generate an interrupt when the INTERRUPT MASK Register bit 3 is unmasked (logic ‘1’) and bit 3 of
the Status Register will be set to ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com