Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-OGCHIP Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-OGCHIP
Description  8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OGCHIP Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-OGCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
iC-OG
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Rev C1, Page 5/9
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC= 5V ±10%, Tj= -40..125 °C, unless otherwise noted.
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
EC
Min.
Typ.
Max.
Total Device
001 VCC
Permissible Supply Voltage
Range
4.5
5.5
V
002 I(VCC)
Supply Current in VCC,
Outputs S0..7 hi
LED control active:
R(ISET/AGND)= 140kΩ,
I(LED)
. 8mA, NER=hi;
I(DP0..7)= 30nA,
I(DN0..7)= 3nA,
I(S0..7)= 0;
10
mA
003 I(VCC)
Supply Current in VCC,
Outputs S0..7 lo
LED control active:
R(ISET/AGND)= 14kΩ,
I(LED)
. 80mA, NER=hi;
I(DP0..7)= 3nA,
I(DN0..7)= 30nA,
I(S0..7)= 0;
10
mA
004 fo
Cut-off Frequency,
tracks 0..7
sinusoidal waveform,
I(DP0..7)= 3..30nA
I(DN0..7)= 30..3nA
100
kHz
005 tp(D-A)
Propagation Delay
see No. 4
2.5
µs
006
Cut-off Frequency,
tracks 0..7
sinusoidal waveform,
I(DP0..7)= 6..60nA
I(DN0..7)= 60..6nA
200
kHz
007
Propagation Delay
see No. 6
1.5
µs
Photodiodes and Amplifiers, tracks 0..7
101 Aph(D)
Radiant Sensitive Area
0.2 × 0.3
mm²
102 S(λ)max Spectral Sensitivity
λ= 850nm
0.5
A/W
103 λar
Range of Spectral Sensitivity
S(λar)= 0.1×S(λ)max
500
1050
nm
104 I(D)
Permissible Photocurrent
90
nA
105 CM()
Common Mode DPi to DNi
0.85
1
1.15
Difference Comparators, tracks 0..7
201 Hys
Hysteresis referred to
[I(DPi) + I(DNi)] /2
I(DPi, DNi)= 3..90nA
8
11
17
%
Push-Pull Outputs S0..7
301 Vs()hi
Saturation Voltage hi
Vs()hi= VCC-V(); I()= -40µA
27
0.69
0.95
V
V
302 Vs()hi
Saturation Voltage hi
Vs()hi= VCC-V(); I()= -400µA
27
0.83
1.05
V
V
303 Vs()lo
Saturation Voltage lo
I()= 1.6mA
27
0.22
0.4
V
V
304 Isc()hi
Short-Circuit Current hi
V()= 0V..VCC-1.2V
-7
-4.6
-1.4
mA
305 Isc()lo
Short-Circuit Current lo
V()= 0.4V..VCC
1.8
7.3
13
mA
306 tr()
Slew-Rate hi
CL()= 30pF
27
24
61
130
V/µs
V/µs
307 tf()
Slew-Rate lo
CL()= 30pF
27
40
115
380
V/µs
V/µs
308 Vc()hi
Clamp Clamp Voltage hi
Vc()hi= V()-VCC;
S()= hi, I()= 3mA
0.4
1.5
V
309 Vc()lo
Clamp Clamp Voltage lo
S()= lo, I()= -3mA
-1.5
-0.4
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com