Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-OGCHIP Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-OGCHIP
Description  8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OGCHIP Datasheet(HTML) 7 Page - IC-Haus GmbH

  IC-OGCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
iC-OG
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Rev C1, Page 7/9
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC= 5V ±10%, Tj= -40..125 °C, unless otherwise noted.
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
EC
Min.
Typ.
Max.
Fig. 1: LED Current Control and Monitoring
Control Monitor NER
801 Vs()
Saturation Voltage lo
I(NER)= 3.2mA
0.27
0.4
V
802 Isc()
Short-Circuit Current lo
V(NER)= VCC
15
27
mA
803 I0()
Collector Off-state Current
NER: off, V(NER)= 0..6V
10
µA
DESCRIPTION OF FUNCTIONS
LED current control
The integrated LED current control with a driver stage controls the LED in accordance with the sum of the
photocurrents from the tracks 0 and 1. Compensation is made for age and dirt, as well as for the reduced
efficiency of the LED caused by rises in temperature.
The photodiodes DPO, DNO, DP1 and DN1 act as reference diodes. The sum is output via a current sink to
the comparison point pin CSR. Simultaneously, the resistor R1 at pin ISET (the voltage at the ISET pin is kept
at a constant of approximately 1.22V) supplies a reference current for the current source from VCC, which also
works towards the comparison point pin CSR. The comparison point also receives the amplified current from
the compensation diode DDC in order to compensate for dark currents and for the amplifier input currents.
If there is an optical feedback from the LED to the reference photodiodes, the voltage at the CSR pin adjusts
to satisfy the needs of the power driver for the required transmit current at pin LED. In this instance, the
voltage ratio between I(ISET) and the sum of the photodiode current ISUM is constant (Electrical
Characteristics Nos. 706 and 707). The current flowing through the resistor R1 is the setpoint for the control
and directly presets the desired level of illumination.
An internal capacitor ensures that the control is stable. The comparison point pin CSR is lead out in the
BLCC20 package, enabling an external capacitor C2 to be connected to adapt the control behaviour. Lower
values for R1 require larger values for C2, which also improve the power-supply rejection ratio for the control.
Values from 10nF upwards are recommended.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com