Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-OGCHIP Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-OGCHIP
Description  8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OGCHIP Datasheet(HTML) 6 Page - IC-Haus GmbH

  IC-OGCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
iC-OG
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Rev C1, Page 6/9
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC= 5V ±10%, Tj= -40..125 °C, unless otherwise noted.
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
EC
Min.
Typ.
Max.
Analog Outputs NI0..2
501 CR()
Current Ratio
I(NIi) / (I(DPi)-I(DNi))
V(NIi)= 0.3V..VCC-1.2V,
I(DPi)= 3..90nA, I(DNi)= 90..3nA
27
550
720
1250
502 I0()
Leakage Current
V(NI)= 0.3V..VCC-1.2V,
I(DPi,DNi)= 0
-1.5
1.5
µA
503 fo()
Cut-off Frequency
V(NIi)= constant,
sinussoidal waveform,
I(DPi)= 3..30nA,
I(DNi)= 30..3nA
100
kHz
504 fo()
Cut-off Frequency
V(NIi)= constant,
sinussoidal waveform,
I(DPi)= 6..60nA,
I(DNi)= 60..6nA
200
kHz
505 fo()
Cut-off Frequency
R(VCC/NIi)= 50kΩ,
R(NIi/GND)= 50kΩ,
CL()= 30pF
50
80
kHz
506 Vc()hi
Clamp Voltage hi
Vc()hi= V()-VCC; I()= 3mA
0.4
1.5
V
507 Vc()lo
Clamp Voltage lo
I()= -3mA
-1.5
-0.4
V
Test Aid TIP, TIN
601 CR()
Current Ratio
I(TIP) / I(DPi,DDC)
and I(TIN) / I(DNi)
Test aid active,
I()= 2..200µA
750
1100
1600
602 It()
Pull-Down Current
(Test Aid Turn-on Threshold)
V()= 0.4V
-40
27
85
125
2.5
14
19
25
28
125
µA
µA
µA
µA
µA
603 V()on
Turn-on Voltage
Test aid active,
I(TIP)= 2..200µA and
I(TIN)= 100µA, or
I(TIP)= 100µA and
I(TIN)= 2..200µA
-40
27
85
125
1.9
1.6
1.2
1.1
2.4
2.1
1.8
1.6
2.7
2.4
2.1
1.9
V
V
V
V
LED Current Control ISET, AGND, LED, CSR
701 ISUM
Permissible Sum Current of
photodiodes DP0, DN0, DP1,
DN1
ISUM= I(DP0) +I(DN0)
+I(DP1) +I(DN1)
0
360
nA
702 I(LED)
Permis. Driver Current in LED
0
80
mA
703 Vs(LED) Saturation Voltage at LED
I(LED)= 80mA, I(ISET)> 20µA,
V(CSR)= VCC
-40
27
85
125
0.96
0.88
0.79
0.72
1.35
V
V
V
V
V
704 V(ISET)
Voltage at ISET
R(ISET/AGND)= 10..150kΩ
1.15
1.22
1.35
V
705 CR()
Current Ratio
I(ISET) / I(CSR)
V(CSR)= 0.3V, ISUM= 0,
R(ISET)= 10..150kΩ
-40
27
85
125
8
12.0
11.9
11.75
11.65
15
706 CR()
Current Ratio
I(CSR) / ISUM
V(CSR)= 1..3V,
I(ISET)= 0
70
92
130
707 Vc()hi
Clamp Voltage hi
at ISET, LED, CSR
Vc()hi= V()-VCC;
I()= 3mA
0.4
1.5
V
708 Vc()lo
Clamp Voltage lo
at ISET, LED, CSR
VCC= 0V, I()= -3mA
-1.5
-0.4
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com