Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-OGCHIP Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-OGCHIP
Description  8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OGCHIP Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-OGCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
iC-OG
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Rev C1, Page 1/9
3.05mm × 5.1mm
12:1
1.2V
IN
IP
1.2V
ERROR
VCC
5V +/- 10%
2
18
3
17
4
16
15
14
13
12
11
9
8
20
7
6
1
100nF
100nF
C1
R3
27k
Ω
C2
R2
30
Ω
R1
10k
Ω
5
10
19
OUTPUT
ANALOG
(see TRACK 3)
TRACK 3
DP6
DN6
DP7
DN7
(see TRACK 0)
TRACK 1
DP4
DP2
(see TRACK 0)
TRACK 2
DN1
DN4
DP5
DN5
TRACK 0
AMPLIFIER
c2
1
iC-OG
DN0
DDC
DP1
AMPLIFIER
AMPLIFIER
PUSH-PULL
PUSH-PULL
COMPARATOR
c2
1
TEST
BIAS
(see TRACK 3)
TRACK 7
(see TRACK 3)
TRACK 6
(see TRACK 3)
TRACK 5
OUTPUT
OUTPUT
MONITOR
LED-CURRENT CONTROL
TRACK 4
COMPARATOR
DN3
DP3
DN2
DP0
D1
LED
LED
NER
NI0
NI1
S6
S7
TIN
AGND
CSR
ISET
NI2
S0
S1
S2
S3
S4
S5
TIP
VCC
GND
BLCC OGC
FEATURES
APPLICATIONS
Ë
Monolithic construction with integrated photodiodes ensures
excellent matching and technical reliability
Ë
Short track spacing of 600 µm
Ë
Elimination of dark currents through differential scanning
Ë
Photocurrent amplifier with high cut-off frequency
Ë
Comparators with precise signal-related hysteresis
Ë
Current-limited push-pull outputs
Ë
Adjustable LED current control for constant received power
Ë
Integrated power driver for the LED
Ë
LED current monitor with error message output
Ë
Integrated test aid
Ë
Low power consumption from 5V supply voltage
Ë
Available as a 20-pin BLCC or as chip
Ë
Options: extended temperature range of -40..110 °C,
customized packages, reticle assembly
Ë
Optical position decoding using
the principle of differential
scanning
Ë
Incremental and absolute
encoder with a resolution of up
to 8 bits
CHIP
BLOCK DIAGRAM
Copyright © 1999, 2010, iC-Haus
www.ichaus.com


Similar Part No. - IC-OGCHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OG ICHAUS-IC-OG Datasheet
567Kb / 10P
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OG ICHAUS-IC-OG_12 Datasheet
567Kb / 10P
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
More results

Similar Description - IC-OGCHIP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
8-bit Priority Encoder
logo
IC-Haus GmbH
IC-LV ICHAUS-IC-LV Datasheet
196Kb / 12P
5-BIT OPTO ENCODER
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
3-BIT OPTO ENCODER
IC-OV ICHAUS-IC-OV Datasheet
412Kb / 9P
5-BIT OPTO ENCODER
IC-OW ICHAUS-IC-OW Datasheet
243Kb / 7P
INCREMENTAL OPTO ENCODER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-LNB ICHAUS-IC-LNB_16 Datasheet
1Mb / 37P
18-BIT OPTO ENCODER
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
16-BIT OPTO ENCODER
IC-LV ICHAUS-IC-LV_16 Datasheet
468Kb / 15P
5-BIT OPTO ENCODER
IC-OG ICHAUS-IC-OG_12 Datasheet
567Kb / 10P
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com