Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-OGCHIP Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-OGCHIP
Description  8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OGCHIP Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-OGCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-OGCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
iC-OG
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Rev C1, Page 3/9
CHIP LAYOUT
Dimensions in µm; chip size 3.05 mm × 5.1 mm
PAD DESCRIPTION
Name
Function
CSR
External capacitor for LED control
NI0
Track 0 Analog Push-Pull Output
NI1
Track 1 Analog Push-Pull Output
NI2
Track 2 Analog Push-Pull Output
LED
LED Driver Output
AGND
Reference Ground for ISET and CSR circuitry
ISET
LED Current Control Setup
TIN
Negative Test Aid Input
TIP
Positive Test Aid Input
NER
Error Message Output, low active
GND
Ground
S7
Track 7 Push-Pull Output
..
..
S0
Track 0 Push-Pull Output
VCC
+5V Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com