Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7331 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7331
Description  300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7331 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7331 Datasheet HTML 1Page - Diodes Incorporated AP7331 Datasheet HTML 2Page - Diodes Incorporated AP7331 Datasheet HTML 3Page - Diodes Incorporated AP7331 Datasheet HTML 4Page - Diodes Incorporated AP7331 Datasheet HTML 5Page - Diodes Incorporated AP7331 Datasheet HTML 6Page - Diodes Incorporated AP7331 Datasheet HTML 7Page - Diodes Incorporated AP7331 Datasheet HTML 8Page - Diodes Incorporated AP7331 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP7331
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR REGULATOR
AP7331
Document number: DS31914 Rev. 3 - 2
5 of 13
www.diodes.com
January 2011
© Diodes Incorporated
Typical Characteristics
Quiescent Current vs Input Voltage
Iload=300mA
54
55
56
57
58
59
60
61
62
4.3
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
Input Voltage (V)
Quiescent Current vs Input Voltage
Iload=0mA
42
44
46
48
50
52
54
56
4.3
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
Input Voltage (V)
Reference Voltage vs Input Voltage
0.38
0.385
0.39
0.395
0.4
0.405
0.41
4.3
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
Input Voltage (V)
Line Regulation (% /V)
0
0.02
0.04
0.06
0.08
0.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
Input Voltage (V)
Load Regulation (% )
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
50
100
150
200
250
300
Output Current (mA)
Dropout Voltage
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
Output Current (mA)
90°C
-45°C
25°C
90°C
90°C
25°C
25°C
-45°C
90°C
25°C
C
-45°C
25°C
-45°C
90°C
90°C
-45°C
25°C
C
-45°C
VOUT = 3.3V
VOUT = 3.3V
VOUT = 3.3V
VIN = VOUT +1V
VOUT = 3.3V
VIN = VOUT + 1V
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com