Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7331 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7331
Description  300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7331 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7331 Datasheet HTML 5Page - Diodes Incorporated AP7331 Datasheet HTML 6Page - Diodes Incorporated AP7331 Datasheet HTML 7Page - Diodes Incorporated AP7331 Datasheet HTML 8Page - Diodes Incorporated AP7331 Datasheet HTML 9Page - Diodes Incorporated AP7331 Datasheet HTML 10Page - Diodes Incorporated AP7331 Datasheet HTML 11Page - Diodes Incorporated AP7331 Datasheet HTML 12Page - Diodes Incorporated AP7331 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP7331
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR REGULATOR
AP7331
Document number: DS31914 Rev. 3 - 2
10 of 13
www.diodes.com
January 2011
© Diodes Incorporated
1
2
3
5
4
XX Y W X
( Top View )
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Device
Package
Identification Code
AP7331-ADJ
SOT25
QJ
AP7331-10
SOT25
QK
AP7331-12
SOT25
QL
AP7331-15
SOT25
QM
AP7331-18
SOT25
QN
AP7331-20
SOT25
QT
AP7331-25
SOT25
QP
AP7331-28
SOT25
QQ
AP7331-30
SOT25
QR
AP7331-33
SOT25
QS
2.
DFN2020-6
Y : Year : 0~9
( Top View )
Y W X
XX
XX : Identification Code
X : A~Z : Green
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Device
Package
Identification Code
AP7331-ADJ
DFN2020-6
QJ
AP7331-10
DFN2020-6
QK
AP7331-12
DFN2020-6
QL
AP7331-15
DFN2020-6
QM
AP7331-18
DFN2020-6
QN
AP7331-20
DFN2020-6
QT
AP7331-25
DFN2020-6
QP
AP7331-28
DFN2020-6
QQ
AP7331-30
DFN2020-6
QR
AP7331-33
DFN2020-6
QS
Package Outline Dimensions (All Dimensions in mm)
1.
Package Type: SOT25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com