Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7331 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7331
Description  300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7331 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7331 Datasheet HTML 5Page - Diodes Incorporated AP7331 Datasheet HTML 6Page - Diodes Incorporated AP7331 Datasheet HTML 7Page - Diodes Incorporated AP7331 Datasheet HTML 8Page - Diodes Incorporated AP7331 Datasheet HTML 9Page - Diodes Incorporated AP7331 Datasheet HTML 10Page - Diodes Incorporated AP7331 Datasheet HTML 11Page - Diodes Incorporated AP7331 Datasheet HTML 12Page - Diodes Incorporated AP7331 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP7331
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR REGULATOR
AP7331
Document number: DS31914 Rev. 3 - 2
9 of 13
www.diodes.com
January 2011
© Diodes Incorporated
Application Note (Continued)
Fast Transient Response (Continued)
The AP7331’s fast transient response from 0 to 300mA
provides stable voltage supply for fast DSP and GSM
chipset with fast changing load.
Small Overshoot and Undershoot
The AP7331 has small and controlled overshoot and
undershoot in load and line transitions. This helps to
protect supplied circuit from damage and operation error
caused by glitches. This feature also permits the usage
of small value output decoupling capacitor with AP7331.
Low Quiescent Current
The AP7331, consuming only around 65µA for all input
range and output loading, provides great power saving in
portable and low power applications.
Wide Output Range
The AP7331, with a wide output range of 0.8V to 5.0V,
provides a versatile LDO solution for many portable
applications.
Ordering Information
AP7331 - XX XX G - 7
Packing
Package
Green
W : SOT25
G : Green
7 : Tape & Reel
SN : DFN2020-6
Blank : ADJ
10 : 1.0V
Output
12 : 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
28 : 2.8V
30 : 3.0V
33 : 3.3V
20 : 2.0V
Device
Package Code
Packaging
(Note 7)
7” Tape and Reel
Quantity
Part Number Suffix
AP7331-XXWG-7
W
SOT25
3000/Tape & Reel
-7
AP7331-XXSNG-7
SN
DFN2020-6
3000/Tape & Reel
-7
Note:
7. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
1.
SOT25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com