Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7331 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7331
Description  300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7331 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7331 Datasheet HTML 1Page - Diodes Incorporated AP7331 Datasheet HTML 2Page - Diodes Incorporated AP7331 Datasheet HTML 3Page - Diodes Incorporated AP7331 Datasheet HTML 4Page - Diodes Incorporated AP7331 Datasheet HTML 5Page - Diodes Incorporated AP7331 Datasheet HTML 6Page - Diodes Incorporated AP7331 Datasheet HTML 7Page - Diodes Incorporated AP7331 Datasheet HTML 8Page - Diodes Incorporated AP7331 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP7331
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR REGULATOR
AP7331
Document number: DS31914 Rev. 3 - 2
1 of 13
www.diodes.com
January 2011
© Diodes Incorporated
Description
The AP7331 is a 300mA, adjustable and fixed output
voltage, low dropout linear regulator. The device included
pass element, error amplifier, band-gap, current limit and
thermal shutdown circuitry. The device is turned on when EN
pin is set to logic high level.
The characteristics of low dropout voltage and low quiescent
current make it suitable for low power applications, for
example, battery powered devices. The typical quiescent
current is approximately 65
μA.
Built-in current-limit and thermal-shutdown functions prevent
IC from damage in fault conditions.
The AP7331 is available in SOT25 and DFN2020-6
packages.
Pin Assignments
Features
300mA Low Dropout Regulator with EN
Very low IQ over full load: 65µA
Wide input voltage range: 2V to 6V
Wide adjustable output: 0.8V to 5.0V
Fixed output options: 1.0V to 3.3V
PSRR: 65dB typical at 100Hz
Fast start-up time: 80µs
Stable with low ESR, 1µF ceramic output capacitor
Excellent Load/Line Transient Response
Low dropout: 300mV typical at 300mA
Current limit protection
Short circuit protection
Thermal shutdown protection
Ambient temperature range: -40ºC to 85°C
SOT25 and DFN2020-6: Available in “Green” Molding
Compound (No Br, Sb)
Lead Free Finish/RoHS Compliant (Note 1)
Applications
XDSL Routers
Wireless LAN Cards
Desktop and Notebook Computers
Battery Powered Equipments
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html
IN
EN
OUT
5
3
2
1
GND
NC
4
GND
OUT
4
IN
EN
NC
5
3
2
1
NC
6
GND
OUT
4
IN
EN
NC
5
3
2
1
ADJ
6
SOT25 (Fixed Output)
(Top View)
SOT25 (ADJ Output)
(Top View)
DFN2020-6 (Fixed Output)
(Top View)
DFN2020-6 (ADJ Output)
(Top View)


Similar Part No. - AP7331

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
More results

Similar Description - AP7331

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133 DIODES-AP133 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7332 DIODES-AP7332 Datasheet
294Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35132 Rev. 1 - 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7333 Rev. 2
AP133 DIODES-AP133_09 Datasheet
415Kb / 15P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
AP133 Rev. 6
AP7335_1009 DIODES-AP7335_1009 Datasheet
238Kb / 17P
300mA, Low Quiescent Current, Fast Transient
DS32259 Rev. 2 - 2
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1218FM-7 DIODES-AP7332-1218FM-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com