Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221FCG Datasheet(PDF) 7 Page - Diodes Incorporated

Part # API9221FCG
Description  Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221FCG Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button API9221FCG Datasheet HTML 3Page - Diodes Incorporated API9221FCG Datasheet HTML 4Page - Diodes Incorporated API9221FCG Datasheet HTML 5Page - Diodes Incorporated API9221FCG Datasheet HTML 6Page - Diodes Incorporated API9221FCG Datasheet HTML 7Page - Diodes Incorporated API9221FCG Datasheet HTML 8Page - Diodes Incorporated API9221FCG Datasheet HTML 9Page - Diodes Incorporated API9221FCG Datasheet HTML 10Page - Diodes Incorporated API9221FCG Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
API9221
Car/Wall or USB Supply Input Lithium Battery Charger
with OVP USB Bypass and 10mA LDO
API9221
Document number: DS32204 Rev. 1 - 2
7 of 17
www.diodes.com
May 2010
© Diodes Incorporated
Electrical Characteristics (Continued)
API9221 is tested at VDC = VUSB = 5V at an ambient temperature of +25°C unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
INTERNAL TEMPERATURE MONITORING
TFOLD
Current Fold Back Threshold
-
125
-
°C
LOGIC INPUT AND OUTPUT
VIH
EN
Pin Logic Input HIGH
1.4
-
V
VIL
EN
Pin Logic Input LOW
-
0.4
V
REN
EN
Pin Internal Pull-down
Resistance
350
600
850
k
VOL
CHG and PPR output voltage
LOW
Pin Current = 10mA
-
0.8
V
LINEAR REGULATOR
VLDO
Output Voltage
-
4.94
-
V
VREG
Voltage Regulation Accuracy
Initial Accuracy, ILDO
= 10mA; TJ = +25°C
-1
-
+1
%
Line regulation
VDC = VLDO + 0.5V to
6.5V
TJ = -40°C to +125°C
-2.8
-
+2.8
%
Load regulation
ILDO = 10µA to 10mA,
VDC = VLDO + 0.5V to
6.5V
TJ = -40°C to +125°C
-2.8
-
+2.8
%
VDO
Dropout (VDC to VLDO)
ILDO = 10mA, VLDO=
4.9V, VDC >
VLDO+0.5V
-
20
50
mV
ILIMIT
Current Limit
For ILDO = 10mA,
VDC = 5.5V
12
-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com