Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221FCG Datasheet(PDF) 13 Page - Diodes Incorporated

Part # API9221FCG
Description  Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221FCG Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button API9221FCG Datasheet HTML 9Page - Diodes Incorporated API9221FCG Datasheet HTML 10Page - Diodes Incorporated API9221FCG Datasheet HTML 11Page - Diodes Incorporated API9221FCG Datasheet HTML 12Page - Diodes Incorporated API9221FCG Datasheet HTML 13Page - Diodes Incorporated API9221FCG Datasheet HTML 14Page - Diodes Incorporated API9221FCG Datasheet HTML 15Page - Diodes Incorporated API9221FCG Datasheet HTML 16Page - Diodes Incorporated API9221FCG Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
API9221
Car/Wall or USB Supply Input Lithium Battery Charger
with OVP USB Bypass and 10mA LDO
API9221
Document number: DS32204 Rev. 1 - 2
13 of 17
www.diodes.com
May 2010
© Diodes Incorporated
Logic State Table
INPUTS
OUTPUTS
EN
VDC INPUT
VALID*
VUSB INPUT
VALID*
PPR
CHG
Charging State
VDC_LDO
USB_BYP
X
No
No
Hi Z
Hi Z
Off
Off
Off
HIGH
Yes
No
LOW
Hi Z
Off
On
Off
LOW
Yes
No
LOW
LOW
On (VDC)
On
Off
HIGH
No
Yes
LOW
Hi Z
Off
Off
On
LOW
No
Yes
LOW
LOW
On (VUSB)
Off
On
HIGH
Yes
Yes
LOW
Hi Z
Off
On
On
LOW
Yes
Yes
LOW
LOW
On (VDC)
On
On
* Valid VDC input: VPOR < VDC < OVPVDC
* Valid VUSB input: VPOR < VUSB < OVPVUSB
X = don’t care
When the charging state is On, the charge current also depends on the battery terminal voltage as described in the text.
Charging Profile Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com