Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221FCG Datasheet(PDF) 14 Page - Diodes Incorporated

Part # API9221FCG
Description  Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221FCG Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button API9221FCG Datasheet HTML 9Page - Diodes Incorporated API9221FCG Datasheet HTML 10Page - Diodes Incorporated API9221FCG Datasheet HTML 11Page - Diodes Incorporated API9221FCG Datasheet HTML 12Page - Diodes Incorporated API9221FCG Datasheet HTML 13Page - Diodes Incorporated API9221FCG Datasheet HTML 14Page - Diodes Incorporated API9221FCG Datasheet HTML 15Page - Diodes Incorporated API9221FCG Datasheet HTML 16Page - Diodes Incorporated API9221FCG Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
API9221
Car/Wall or USB Supply Input Lithium Battery Charger
with OVP USB Bypass and 10mA LDO
API9221
Document number: DS32204 Rev. 1 - 2
14 of 17
www.diodes.com
May 2010
© Diodes Incorporated
Ordering Information
API9221 FC G - 13
Package
Packing
Green
G : Green
FC :DFN4030-12
13 : Tape & Reel
Device
Package
Code
Packaging
(Note 5)
13” Tape and Reel
Quantity
Part Number Suffix
API9221FCG-13
FC
DFN4030-12
3000/Tape & Reel
-13
Notes:
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
( Top View )
X : A~Z : Green
Y W X
XX
XX : BF : API9221
z : represents 52 and 53
a~z : 27~52 week;
Part Number
Package
Identification Code
API9221FCG
DFN4030-12
BF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com