Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221FCG Datasheet(PDF) 10 Page - Diodes Incorporated

Part # API9221FCG
Description  Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221FCG Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button API9221FCG Datasheet HTML 6Page - Diodes Incorporated API9221FCG Datasheet HTML 7Page - Diodes Incorporated API9221FCG Datasheet HTML 8Page - Diodes Incorporated API9221FCG Datasheet HTML 9Page - Diodes Incorporated API9221FCG Datasheet HTML 10Page - Diodes Incorporated API9221FCG Datasheet HTML 11Page - Diodes Incorporated API9221FCG Datasheet HTML 12Page - Diodes Incorporated API9221FCG Datasheet HTML 13Page - Diodes Incorporated API9221FCG Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
API9221
Car/Wall or USB Supply Input Lithium Battery Charger
with OVP USB Bypass and 10mA LDO
API9221
Document number: DS32204 Rev. 1 - 2
10 of 17
www.diodes.com
May 2010
© Diodes Incorporated
Functional Description (Continued)
For example, a resistor value of 22k
Ω sets a charge current of 0.31A.
The recommended IUSB setting is 46.5mA to 465mA.
The maximum charge current available may be otherwise limited by the external USB current limit, or by thermal
protection within the API9221.
The rDS(ON) of the FET in the USB charging path is typically 600mΩ at room temperature. At the IUSB limit of
465mA, there is a voltage drop of nearly 0.3V. Therefore, the voltage at the VUSB input must be at least 4.5V to
charge the battery to 4.2V in the minimum time.
The VUSB input is safe from damage up to 28V.
Trickle Charge
When the battery voltage is below the Preconditioning Threshold, VMIN, the charger is in the Trickle Charge state
and the charge current is limited to 18% of the available charge current set by RIVDC or RIUSB. If the USB charge
current is programmed to a value less than the VDC trickle charge, then this value of the USB current is used in
trickle mode (no derating).
When the battery voltage reaches VMIN, the charge current increases to 100% of the available charge current.
End-of-Charge Current
During charging, as the battery voltage approaches the regulated value of 4.2V, the charging current will begin to
decrease. Eventually the charging current settles to a value just low enough to maintain the regulated voltage.
When the current becomes less than the End-of-Charge threshold current, IMIN, the logic output CHG goes HIGH.
The threshold current is set by an external resistor connected between the IMIN and GND pins. This is
independent of whether the VDC or VUSB input is valid.
The resistor at IMIN determines the EOC threshold current according to
IMIN
MIN
R
550
I
=
Amp
For example, a resistor value of 10k
Ω sets the EOC threshold current to 55mA.
Accuracy
When the constant voltage phase has been reached, the battery is charged to 4.2V ±1%. This is the maximum
error over the ambient temperature range from -40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com