Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221FCG Datasheet(PDF) 8 Page - Diodes Incorporated

Part # API9221FCG
Description  Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221FCG Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button API9221FCG Datasheet HTML 4Page - Diodes Incorporated API9221FCG Datasheet HTML 5Page - Diodes Incorporated API9221FCG Datasheet HTML 6Page - Diodes Incorporated API9221FCG Datasheet HTML 7Page - Diodes Incorporated API9221FCG Datasheet HTML 8Page - Diodes Incorporated API9221FCG Datasheet HTML 9Page - Diodes Incorporated API9221FCG Datasheet HTML 10Page - Diodes Incorporated API9221FCG Datasheet HTML 11Page - Diodes Incorporated API9221FCG Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
API9221
Car/Wall or USB Supply Input Lithium Battery Charger
with OVP USB Bypass and 10mA LDO
API9221
Document number: DS32204 Rev. 1 - 2
8 of 17
www.diodes.com
May 2010
© Diodes Incorporated
Functional Description
Logic Description
A Logic State Table and diagrams of timing and charge profile are given at the end of this description.
The battery charge function is disabled when the EN input is pulled to logic HIGH. This normally requires an
external pull-up resistor connected to the system microcontroller I/O power supply. The API9221 has an internal
resistor connected from this pin to GND, typically 600k
Ω. In many applications a suitable pull-up resistor value is
100k
Ω. When EN is pulled LOW or left open circuit, charging is enabled as described below.
There are two open-drain logic outputs, PPR and CHG . Each of these can use an external pull-up resistor to an
appropriate supply such as the microcontroller I/O supply, or can be left open circuit. A suitable value is 100k
Ω.
Alternatively these can each be used to drive an indicator LED up to a maximum of 10mA.
The output PPR is LOW when a valid power supply voltage is present at the VDC input or at the VUSB input,
independent of EN . One of the two input voltages must be greater than the power-on threshold and less than the
overvoltage protection threshold.
The output CHG is LOW when the battery is charging, but only until the End-of-Charge (EOC) condition is
reached. Together with other conditions as described below, the voltage at the battery connection BAT is used to
control the charging current. In the EOC state, CHG is HIGH to indicate that the charging phase has completed
and the battery voltage has reached 4.2V (± 1%). In this state, the charger remains active and is able to supply
load current and top up the battery as necessary. CHG may be re-set as described below under Charge
Conditions.
Auxiliary Outputs
The USB_BYP and VDC_LDO outputs are available independently of the EN input state. This allows a host
controller to power up initially.
USB Bypass, USB_BYP
The output USB_BYP provides power from the USB input when a valid power supply voltage is present at the
VUSB input. It is current limited to 400mA (nominally). It is therefore safely limited in current and voltage within
the USB standard.
VDC Low dropout regulator VDC_LDO
This output provides a regulated 4.94V supply, up to 10mA, when a valid power supply voltage is present at the
VDC input.
Charge Conditions
Before charging can begin, one of the two input voltages must also exceed the battery voltage enough to
overcome the input-output comparator offset. When one of the supplies satisfies these conditions, and EN is
LOW
, charging begins regardless of the state of the other supply. The valid input conditions are:
for VDC:
VPOR < VDC < OVPVDC
and
VDC > VBAT + VOSHC
for VUSB:
VPOR < VUSB < OVPVUSB
and
VUSB > VBAT + VOSHC
where VPOR is the rising power-on threshold voltage, and VOSHC is the rising input offset voltage relative to VBAT.
All these threshold voltages have defined hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com