Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX663 Datasheet(PDF) 4 Page - CML Microcircuits

Part # FX663
Description  Call Progress Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX663 Datasheet(HTML) 4 Page - CML Microcircuits

  FX663 Datasheet HTML 1Page - CML Microcircuits FX663 Datasheet HTML 2Page - CML Microcircuits FX663 Datasheet HTML 3Page - CML Microcircuits FX663 Datasheet HTML 4Page - CML Microcircuits FX663 Datasheet HTML 5Page - CML Microcircuits FX663 Datasheet HTML 6Page - CML Microcircuits FX663 Datasheet HTML 7Page - CML Microcircuits FX663 Datasheet HTML 8Page - CML Microcircuits FX663 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 1999 Consumer Microcircuits Limited
4
D/663/3
1.3
Signal List
Package
D4/P3
Signal
Description
Pin No.
Name
Type
1
XTALN
O/P
The inverted output of the on-chip oscillator.
2
XTAL/CLOCK
I/P
The input to the on-chip oscillator, for external
Xtal circuit or clock.
3
4
5
6
D3
D2
D1
D0
O/P
O/P
O/P
O/P
D3, D2, D1 and D0 is a 4-bit parallel data word
output to the µController. The transmission of
data is under the control of the CSN input.
These 3-state outputs are held at high
impedance when CSN is at "1". See Bus Timing
Diagram (Figure 8).
If CSN is permanently at "0", D3, D2, D1 and D0
are permanently active. See Timing Diagram
(Figure 4 to 7).
7
CSN
I/P
The data output control function: this input is
provided by the µController. Data transfer
sequences are initiated, completed or aborted
by the CSN signal. See Bus Timing Diagram
(Figure 8).
8
IRQN
O/P
This output indicates an interrupt condition to
the µController by going to a logic "0". This is a
"wire-ORable" output, enabling the connection of
up to 8 peripherals to 1 interrupt port on the
µController. This pin has a low impedance
pulldown to logic "0" when active and a high-
impedance when inactive. An external pullup
resistor is required.
If CSN is permanently at "0", the interrupt
condition is a logic "0" pulse. See Timing
Diagram (Figure 4 to 7).
9
ENABLE
I/P
A low level input selects the powersave mode,
all circuits are reset and disabled. D0 - D3
outputs become high impedance. A high level
enables all circuits. (See also CSN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com