Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX663 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX663
Description  Call Progress Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX663 Datasheet(HTML) 1 Page - CML Microcircuits

  FX663 Datasheet HTML 1Page - CML Microcircuits FX663 Datasheet HTML 2Page - CML Microcircuits FX663 Datasheet HTML 3Page - CML Microcircuits FX663 Datasheet HTML 4Page - CML Microcircuits FX663 Datasheet HTML 5Page - CML Microcircuits FX663 Datasheet HTML 6Page - CML Microcircuits FX663 Datasheet HTML 7Page - CML Microcircuits FX663 Datasheet HTML 8Page - CML Microcircuits FX663 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CML Semiconductor Products
Call Progress Decoder
FX663
© 1999 Consumer Microcircuits Limited
D/663/3 January 1999
1.0
Features
Provisional Issue
•• Decodes Call Progress Tones
Worldwide covering:
•• Low-Power (3 Volt) Operation
•• Adjustable Detection Threshold
•• Single and Dual Tones
•• Fax and Modem
Answer/Originate Tones
•• Special Information Tones
•• Fast 'US Busy' Tone Detector
••
Voice Detector
••
Standard 3.58MHz Xtal/Clock Input
•• 16-Pin SOIC and DIP Packages
1.1
Brief Description
The FX663 decodes the standard audible tone signals provided by telecom systems worldwide to indicate Dial,
Ringing, Busy, Unobtainable and other stages of a call attempt.
It provides the key features needed for
intelligent, full-function, call progress monitoring by applications involving machine dialling or automatic call
placement. The FX663 also incorporates the following features:
•
Single and dual tone decoding for better cross-system Call Progress monitoring.
•
"US Busy" tone detector, saving time needed for "cadence verification" under Busy and Unobtainable
conditions. This incorporates a separate 620Hz detector for improved response.
•
A detector to indicate speech and non-call progress signals; this reduces voice falsing of call progress
tones and adds Voice-Answer detection as a "connected" prompt.
•
A fax and modem tone decoder.
•
A separate, adjustable threshold, signal-level detector which reduces noise falsing.
The FX663 uses new digital signal processing techniques to provide these advantages. It is a low cost, low
power product with superior performance. It is available in industry standard 16-pin packages.


Similar Part No. - FX663

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX6-100P-0.8SV HIROSE-FX6-100P-0.8SV Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-100P-0.8SV1 HIROSE-FX6-100P-0.8SV1 Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-100P-0.8SV2 HIROSE-FX6-100P-0.8SV2 Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-100S-0.8SV HIROSE-FX6-100S-0.8SV Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
More results

Similar Description - FX663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
Call progress decoder
1986 May 8
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
Call Progress Tone Decoder for Telephone
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
Call Progress Tone Decoder
logo
Holtek Semiconductor In...
HT9020 HOLTEK-HT9020 Datasheet
476Kb / 12P
Call Progress Tone Decoder & ABR Controller
21st Aug 98
logo
CML Microcircuits
MX613 CMLMICRO-MX613 Datasheet
141Kb / 10P
Global Call Progress Detector
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
Call Progress Tone Decoder
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com