Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX663 Datasheet(PDF) 8 Page - CML Microcircuits

Part # FX663
Description  Call Progress Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX663 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button FX663 Datasheet HTML 4Page - CML Microcircuits FX663 Datasheet HTML 5Page - CML Microcircuits FX663 Datasheet HTML 6Page - CML Microcircuits FX663 Datasheet HTML 7Page - CML Microcircuits FX663 Datasheet HTML 8Page - CML Microcircuits FX663 Datasheet HTML 9Page - CML Microcircuits FX663 Datasheet HTML 10Page - CML Microcircuits FX663 Datasheet HTML 11Page - CML Microcircuits FX663 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
© 1999 Consumer Microcircuits Limited
8
D/663/3
Minimum Input Signal: The minimum signal level for the specified tone decoding performance. The lower
level at which absence of an input signal will be registered is not specified. However, a separate level detector
makes amplitude information available.
No Signal: A signal falling outside the nominal range 180Hz to 2280Hz or the absence of an input signal.
Either will be detected as a No Signal condition.
Nominal: Subject to dynamic tolerances within the signal analysis process. Absolute values are not material
or adverse to performance.
1.5.3
Block Diagram Description (Reference Figure 1)
Amplifier
The input signal is amplified by a self-biased inverting amplifier. The dc bias of this input is internally set at
½VDD. The analyser samples the call progress signal at 9.3kHz.
Call Progress Detector: Signal Analyser
The frequency range, quality and consistency of the input signal is analysed by this functional block. To be
classified as a call progress signal the input signal frequencies should lie between 340Hz and 700Hz, the
signal to noise ratio must be 16dB or greater and the signal must be consistent over a period of at least
145ms. These decode criteria are continuously monitored and the assessment is updated every 7ms.
620Hz Detector
The detector is designed to aid detection of "US Busy" tone. The bandwidth of the 620Hz Detector is 60Hz
and the signal must be consistent over a period of at least 145ms for detection to occur. This assessment is
updated every 55ms.
Control and Output Logic
This block categorises the nature of the signal into various decoded output states and controls the four
outputs. See the Truth Table in section 1.5.4.
Level Detector and OPAMP
The OPAMP is configured as an amplifier with external components R1, R2, C4 and C5. The level detector
operates by measuring the level of the amplified input signal and comparing it with a preset threshold which is
defined inside the FX663 as shown in the detect equation.
The detector output goes to the Control and Output Logic block. The data output is gated with the level
detector's output. The data output is valid only if the level detector output is true. The level detector output can
be forced true by connecting AMPNINV to VBIAS and connecting AMPINV to VSS through a 100kΩ resistor.
An interrupt is produced if the output data changes state.
The detect equation is:
For detect level
Gain x input signal level > 250 mVp-p
where gain = -R2/R1.
This amplifier may be used to buffer, unbalance or amplify line signals if required.
Xtal/Clock Oscillator
If the on-chip Xtal oscillator is to be used, then external components X1, R1, C1 and C2 are required. If an
external clock source is to be used, then it should be connected to the XTAL/CLOCK input pin and the XTALN
pin should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com