Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX663 Datasheet(PDF) 13 Page - CML Microcircuits

Part # FX663
Description  Call Progress Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX663 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button FX663 Datasheet HTML 9Page - CML Microcircuits FX663 Datasheet HTML 10Page - CML Microcircuits FX663 Datasheet HTML 11Page - CML Microcircuits FX663 Datasheet HTML 12Page - CML Microcircuits FX663 Datasheet HTML 13Page - CML Microcircuits FX663 Datasheet HTML 14Page - CML Microcircuits FX663 Datasheet HTML 15Page - CML Microcircuits FX663 Datasheet HTML 16Page - CML Microcircuits FX663 Datasheet HTML 17Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
© 1999 Consumer Microcircuits Limited
13
D/663/3
1.7.1
Electrical Performance (continued)
D3
CSN
"0"
"0"
IRQN
D0
D1
D2
SIGIN
ENABLE
tDI
tDE
tHIZ
tDI
tIP
tRP
tRP
tGD
tGI
tI
tL
tDRP
See Note 1
Tri-state
Tri-state
No Signal Call Progress
Single Tone
CPTone
620 Hz
CPTone
620 Hz
CPTone
620 Hz
Figure 4 Timing Diagram: Call Progress Tone(s)
D3
CSN
"0"
"0"
"0"
IRQN
D0
D1
D2
SIGIN
ENABLE
tDI
tDE
tIP
tNRP
tNG
tI
tL
tNDRP
See Note 1
Tri-state
No Signal
Non Call
Progress Signal
Non Call
Progress Signal
Figure 5 Timing Diagram: Non Call Progress Signal
Note 1:
D2 is '1' only when the Call Progress signal, or a Non Call Progress signal, is a single
frequency tone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com