Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX663 Datasheet(PDF) 7 Page - CML Microcircuits

Part # FX663
Description  Call Progress Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX663 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button FX663 Datasheet HTML 3Page - CML Microcircuits FX663 Datasheet HTML 4Page - CML Microcircuits FX663 Datasheet HTML 5Page - CML Microcircuits FX663 Datasheet HTML 6Page - CML Microcircuits FX663 Datasheet HTML 7Page - CML Microcircuits FX663 Datasheet HTML 8Page - CML Microcircuits FX663 Datasheet HTML 9Page - CML Microcircuits FX663 Datasheet HTML 10Page - CML Microcircuits FX663 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 1999 Consumer Microcircuits Limited
7
D/663/3
1.5
General Description
1.5.1
Overall Function Description
The FX663 consists of a Call Progress Tone Detector, a 620Hz Detector and a Level Detector.
The FX663 Call Progress Tone Detector uses different tone detection methods from those commonly found
with other products.
Many traditional devices use a bandpass filter followed by an energy detector. The filter is usually designed to
pass input signals with a frequency between about 300Hz and 700Hz, and the amplitudes of signals in this
range are then checked against a level threshold. Any signal of acceptable level in this frequency band is
classed as a Call Progress tone, including signals due to speech and noise. False outputs caused by speech
are a common feature with these products, and background noise may lead to a stuck "detect" output.
The FX663, by contrast, uses a stochastic signal processing technique based on analysis in both the
frequency and time domain, with signal amplitude forming a small part in the decision process. This analysis
includes checks on whether the signal has a "profile" which matches international standards for Call Progress
tones, or a profile more likely to match that of speech, noise or other non-call-progress signals. It also adds
checks on whether tones which include frequencies corresponding with the "US Busy" signals, Special
Information Tones and Fax/Modem Tones have been detected.
The following glossary, sections 1.5.3 and 1.5.4, provide a simple explanation of the decoding functions and
features offered by the FX663.
1.5.2
Glossary
Call Progress Tones: The single and dual frequency tones in the range 350Hz to 620Hz specified widely for
call progress signalling.
Call Progress Band: The nominal range 340Hz to 700Hz within which the FX663 will detect Call Progress
tones. The detection algorithm requires that the tones have the characteristics typical of Call Progress Tones.
620Hz Detection: The nominal range 590Hz to 650Hz. Single tones in this range, or dual tones having a
material frequency component within this range (e.g. 480 + 620Hz) will be detected.
Non Call Progress Signal: A signal falling within the nominal range (a) 190Hz to 895Hz, but NOT within the
Call Progress Band, or (b) within the nominal range 190Hz to 895Hz, but NOT meeting the DETECTION
REQUIREMENTS when the signal falls in the Call Progress Band.
Subject to the duration and other characteristics of such signals, the FX663 will usually interpret these as a
Non Call Progress Signal (e.g. speech or other signal activity).
Special Information Tone:
The nominal frequencies 950Hz or 1400Hz or 1800Hz.
Fax/Modem Low Tone:
The nominal frequency 1250Hz.
Fax/Modem High Tone:
The nominal frequency 2150Hz.
Alias Response:
Frequencies above 2300Hz may cause aliasing effects in the Signal Analyser.
The use of a low-pass filter in the Input Amplifier, as shown in Figure 1, will help
to reduce any aliasing effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com