Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1534 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1534
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1534 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1534 Datasheet HTML 1Page - Diodes Incorporated AP1534 Datasheet HTML 2Page - Diodes Incorporated AP1534 Datasheet HTML 3Page - Diodes Incorporated AP1534 Datasheet HTML 4Page - Diodes Incorporated AP1534 Datasheet HTML 5Page - Diodes Incorporated AP1534 Datasheet HTML 6Page - Diodes Incorporated AP1534 Datasheet HTML 7Page - Diodes Incorporated AP1534 Datasheet HTML 8Page - Diodes Incorporated AP1534 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AP1534
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 5
5 of 10
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
VIN vs Frequency
(VOUT=3.3V, IOUT=0.2A)
306
308
310
312
314
316
318
320
322
324
326
02
46
8
10
12
14
16
18
VIN (V)
VIN vs VFB
(VOUT=3.3V, IOUT=0.2A)
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
02468
10
12
14
16
18
VIN (V)
Line Regulation
(VOUT=3.3V, IOUT=0.2A)
-3.0%
-2.0%
-1.0%
0.0%
1.0%
2.0%
3.0%
02468
10
12
14
16
18
VIN (V)
Load Regulation
(VIN=5V, VOUT=3.3V)
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
0.0
0.5
1.0
1.5
2.0
IOUT (A)
Efficiency
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
IOUT (A)
VOUT=3.3V
VOUT=5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com