Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1534 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1534
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1534 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1534 Datasheet HTML 1Page - Diodes Incorporated AP1534 Datasheet HTML 2Page - Diodes Incorporated AP1534 Datasheet HTML 3Page - Diodes Incorporated AP1534 Datasheet HTML 4Page - Diodes Incorporated AP1534 Datasheet HTML 5Page - Diodes Incorporated AP1534 Datasheet HTML 6Page - Diodes Incorporated AP1534 Datasheet HTML 7Page - Diodes Incorporated AP1534 Datasheet HTML 8Page - Diodes Incorporated AP1534 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP1534
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 5
3 of 10
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Block Diagram
Oscillation
Circuit
Reference Voltage
Source
PWM-Switched
Control Circuit
+
-
Vss
V
EN
EN
100uA
OCSET
FB
Vcc
Thermal
Shutdown
Output
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
4.5
KV
ESD MM
Machine Model ESD Protection
150
V
VCC
VCC Pin Voltage
VSS - 0.3 to VSS + 20
V
VFB
Feedback Pin Voltage
VSS - 0.3 to VCC
V
VEN
EN Pin Voltage
VSS - 0.3 to VIN
V
VOUT
Switch Pin Voltage
VSS - 0.3 to VIN
V
PD
Power Dissipation
Internally limited
mW
TJ
Operating Junction Temperature Range
-40 to +125
oC
TST
Storage Temperature Range
-65 to +150
oC
Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical damage.
These values must therefore not be exceeded under any conditions.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
3.6
18
V
IOUT
Output Current
0
2
A
TA
Operating Ambient Temperature
-20
85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com