Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1534 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1534
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1534 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1534 Datasheet HTML 1Page - Diodes Incorporated AP1534 Datasheet HTML 2Page - Diodes Incorporated AP1534 Datasheet HTML 3Page - Diodes Incorporated AP1534 Datasheet HTML 4Page - Diodes Incorporated AP1534 Datasheet HTML 5Page - Diodes Incorporated AP1534 Datasheet HTML 6Page - Diodes Incorporated AP1534 Datasheet HTML 7Page - Diodes Incorporated AP1534 Datasheet HTML 8Page - Diodes Incorporated AP1534 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP1534
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 5
1 of 10
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
•
Input voltage: 3.6V to 18V
•
Output voltage: 0.8V to VCC.
•
Duty ratio: 0% to 99% PWM control
•
Oscillation frequency: 300KHz typical
•
Current limit, Enable function
•
Thermal Shutdown function
•
Built-in internal SW P-channel MOS
•
SOP-8L: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
AP1534 consists of step-down switching regulator with PWM
control. These devices include a reference voltage source,
oscillation circuit, error amplifier, internal PMOS.
AP1534 provides low-ripple power, high efficiency, and excellent
transient characteristics. The PWM control circuit is able to vary
the duty ratio linearly from 0 up to 99%.
This converter also
contains an error amplifier circuit as well as a soft-start circuit that
prevents overshoot at startup.
An enable function, an over
current protect function and a short circuit protect function are built
inside, and when OCP or SCP happens, the operation frequency
will be reduced from 300KHz to 50KHz. Also, an internal
compensation block is built in to minimize external component
count.
With the addition of an internal P-channel Power MOS, a coil,
capacitors, and a diode connected externally, these ICs can
function as step-down switching regulators. They serve as ideal
power supply units for portable devices when coupled with the
SOP-8L mini-packages, providing such outstanding features as
low current consumption. Since this converter can accommodate
an input voltage up to 18V, it is also suitable for the operation via
an AC adapter.
•
PC Motherboard
•
LCD Monitor
•
Graphic Card
•
DVD-Video Player
•
Telecom Equipment
•
ADSL Modem
•
Printer and other Peripheral Equipment
•
Microprocessor Core Supply
AP 1534 S G - 13
Package
Packing
S : SOP-8L
Green
13 : Tape & Reel
G : Green
Device
Package
Code
Packaging
(Note 2)
13” Tape and Reel
Quantity
Part Number Suffix
AP1534SG-13
S
SOP-8L
2500/Tape & Reel
-13
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information


Similar Part No. - AP1534

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP1534S DIODES-AP1534S Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP1534SG-13 DIODES-AP1534SG-13 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP1534SG-U DIODES-AP1534SG-U Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
More results

Similar Description - AP1534

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.5 Apr 10, 2006
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 5
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
PWM Control 2A Step-Down Converter
Rev. 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com