Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1534 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1534
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1534 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP1534 Datasheet HTML 2Page - Diodes Incorporated AP1534 Datasheet HTML 3Page - Diodes Incorporated AP1534 Datasheet HTML 4Page - Diodes Incorporated AP1534 Datasheet HTML 5Page - Diodes Incorporated AP1534 Datasheet HTML 6Page - Diodes Incorporated AP1534 Datasheet HTML 7Page - Diodes Incorporated AP1534 Datasheet HTML 8Page - Diodes Incorporated AP1534 Datasheet HTML 9Page - Diodes Incorporated AP1534 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AP1534
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 5
7 of 10
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Functional Description
PWM Control
The AP1534 is a DC/DC converter that employs pulse width
modulation (PWM) scheme. Its pulse width varies in the range of
0% to 99%, based on the output current loading. The output
ripple voltage caused by the PWM high frequency switching can
easily be reduced through an output filter. Therefore, this
converter provides a low ripple output supply over a broad range
of input voltage & output current loading
Under Voltage Lockout
The under voltage lockout circuit of the AP1534 assures that the
high-side MOSFET driver remains in the off state whenever the
supply voltage drops below 3.3V. Normal operation resumes
once VCC rises above 3.5V.
Current Limit Protection
The current limit threshold is set by external resistor ROCSET
connected from VCC supply to OCSET pin. The internal sink
current IOCSET (90uA typical) across this resistor sets the voltage
at OCSET pin. When the PWM voltage is less than the voltage at
OCSET, an over-current condition is triggered.
The current limit threshold is given by the following equation:
R
I
R
I
OCSET
OCSET
DS(ON)
PEAK
×
=
×
2
I)
(
I
I
(MAX)
OUT
PEAK
Δ
+
>
where,
IN
OUT
S
OUT
IN
V
V
L
F
V
V
I
×
×
−
=
Δ
IPEAK is the output peak current; RDS (ON) is the MOSFET ON
resistance; FS is the PWM frequency (300KHz typical). Also, the
inductor value will affect the ripple current
ΔI.
The above equation is recommended for input voltage range of
5V to 18V. For input voltage lower than 5V or ambient
temperature over 100°C, higher ROCSET is recommended.
The recommended minimum ROCSET value is summarized below:
VIN (V)
VOUT (V)
ROCSET (Ω)
4
1
6.8K
5
3.3
5.6K
12
5
3.9K
18
12
4.7K
Inductor Selection
For most designs, the operates with inductors of 22µH to
33µH. The inductor value can be derived from the following
equation:
IN
OUT
S
OUT
IN
V
V
I
f
V
V
L
×
Δ
×
−
=
Where
ΔIL is inductor Ripple Current. Large value inductors lower
ripple current and small value inductors result in high ripple
current. Choose inductor ripple current approximately 15% of the
maximum load current 2A,
∆IL=0.3A. The DC current rating of the
inductor should be at least equal to the maximum load current
plus half the ripple current to prevent core saturation (2A+0.15A).
Input Capacitor Selection
This capacitor should be located close to the IC using short leads
and the voltage rating should be approximately 1.5 times the
maximum input voltage. The RMS current rating requirement for
the input capacitor of a buck regulator is approximately 1⁄2 the
DC load current. A low ESR input capacitor sized for maximum
RMS current must be used. A 470µF low ESR capacitor for most
applications is sufficient.
Output Capacitor Selection
The output capacitor is required to filter the output voltage and
provides
regulator
loop
stability.
The
important
capacitor
parameters are the 100KHz Equivalent Series Resistance (ESR),
the RMS ripples current rating, voltage rating and capacitance
value. For the output capacitor, the ESR value is the most
important parameter. The output ripple can be calculated from
the following formula.
ESR
I
V
L
RIPPLE
×
Δ
=
The bulk capacitor’s ESR will determine the output ripple voltage
and the initial voltage drop after a high slew-rate transient.
An aluminum electrolytic capacitor's ESR value is related to the
capacitance and its voltage rating. In most case, higher voltage
electrolytic capacitors have lower ESR values. Most of the time,
capacitors with much higher voltage ratings may be needed to
provide the low ESR values required for low output ripple voltage.
PCB Layout Guide
If you need low TC & TJ or large PD (Power Dissipation), The dual
SW pins(5& 6) and Vss pins(7& 8)on the SOP-8L package are
internally connected to die pad, The evaluation board should be
allowed for maximum copper area at output (SW) pins.
1. Connect FB circuits (RA, RB, CC) as closely as possible and
keep away from inductor flux for pure VFB.
2. Connect CVCC to Vcc and Vss pin as closely as possible to get
good power filter effect.
3. Connect ROCSET to Vcc and OCSET pin as closely as possible.
4. Connect ground side of the CIN & D1 & COUT as closely as
possible and use ground plane for best performance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com