Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1534 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1534
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1534 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1534 Datasheet HTML 1Page - Diodes Incorporated AP1534 Datasheet HTML 2Page - Diodes Incorporated AP1534 Datasheet HTML 3Page - Diodes Incorporated AP1534 Datasheet HTML 4Page - Diodes Incorporated AP1534 Datasheet HTML 5Page - Diodes Incorporated AP1534 Datasheet HTML 6Page - Diodes Incorporated AP1534 Datasheet HTML 7Page - Diodes Incorporated AP1534 Datasheet HTML 8Page - Diodes Incorporated AP1534 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP1534
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 5
2 of 10
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Pin Assignments
1
2
3
4
8
7
6
5
FB
Output
OCSET
Output
EN
Vss
Vss
VCC
SOP-8L
AP1534
( Top View )
Pin Descriptions
Pin Name
Pin No.
Description
FB
1
Feedback pin
EN
2
Power-off pin
H: Normal operation
(Step-down operation)
L: Step-down operation stopped
(All circuits deactivated)
OCSET
3
Add an external resistor to set max output current
VCC
4
IC power supply pin
Output
5, 6
Switch Pin. Connect external inductor/diode here. Minimize trace area at this
pin to reduce EMI
VSS
7, 8
GND Pin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com