Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8222HBCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8222HBCPZ-R7
Description  Precision, Dual-Channel Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222HBCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8222HBCPZ-R7 Datasheet HTML 1Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 2Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 3Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 4Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 5Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 6Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 7Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8222
Rev. A | Page 3 of 24
SPECIFICATIONS
VS = ±15 V, VREF = 0 V, TA = 25°C, G = 1, RL = 2 kΩ, unless otherwise noted.
Table 2. Single-Ended and Differential1 Output Configuration
A Grade
B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION
RATIO (CMRR)
VCM = –10 V to +10 V
CMRR DC to 60 Hz
1 kΩ source imbalance
G = 1
80
86
dB
G = 10
100
106
dB
G = 100
120
126
dB
G = 1000
130
140
dB
CMRR at 4 kHz
G = 1
80
80
dB
G = 10
90
100
dB
G = 100
100
110
dB
G = 1000
100
110
dB
CMRR Drift
TA = −40°C to +85°C, G = 1
0.07
0.07
μV/V/°C
NOISE
Voltage Noise, 1 kHz
RTI noise = √(eNI2 + (eNO/G)2)
Input Voltage Noise, eNI
V+IN, V−IN, VREF = 0 V
8
8
nV/√Hz
Output Voltage Noise, eNO
V+IN, V−IN, VREF = 0 V
75
75
nV/√Hz
RTI
f = 0.1 Hz to 10 Hz
G = 1
2
2
μV p-p
G = 10
0.5
0.5
μV p-p
G = 100 to 1000
0.25
0.25
μV p-p
Current Noise
f = 1 kHz
40
40
fA/√Hz
f = 0.1 Hz to 10 Hz
6
6
pA p-p
VOLTAGE OFFSET
RTI VOS = (VOSI) + (VOSO/G)
Input Offset, VOSI
VS = ±5 V to ±15 V
120
60
μV
Over Temperature
TA = −40°C to +85°C
150
80
μV
Average TC
0.4
0.3
μV/°C
Output Offset, VOSO
VS = ±5 V to ±15 V
500
350
μV
Over Temperature
TA = −40°C to +85°C
0.8
0.5
mV
Average TC
9
5
μV/°C
Offset RTI vs. Supply (PSR)
VS = ±2.3 V to ±18 V
G = 1
90
110
94
110
dB
G = 10
110
120
114
130
dB
G = 100
124
130
130
140
dB
G = 1000
130
140
140
150
dB
INPUT CURRENT (PER CHANNEL)
Input Bias Current, IBIAS
0.5
2.0
0.2
1.0
nA
Over Temperature
TA = −40°C to +85°C
3.0
1.5
nA
Average TC
1
1
pA/°C
Input Offset Current, IOFFSET
0.2
1
0.1
0.5
nA
Over Temperature
TA = −40°C to +85°C
1.5
0.6
nA
Average TC
1
0.5
2
pA/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com