Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8222HBCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8222HBCPZ-R7
Description  Precision, Dual-Channel Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222HBCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8222HBCPZ-R7 Datasheet HTML 13Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 14Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 15Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 16Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 17Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 18Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 19Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 20Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8222
Rev. A | Page 17 of 24
both pins should be connected for specified performance and
optimum reliability.
The AD8222 should be decoupled with 0.1 μF bypass capacitors,
one for each supply. The positive supply decoupling capacitor
should be placed near Pin 16, and the negative supply decoupl-
ing capacitor should be placed near Pin 8. Each supply should
also be decoupled with a 10 μF tantalum capacitor. The tantalum
capacitor can be placed further away from the AD8222 and can
generally be shared by other precision integrated circuits. Figure
46 shows an example layout.
AD8222
1
2
3
4
12
11
9
56
7
8
13
14
15
16
0.1µF
0.1µF
RG1
RG2
10
Figure 46. Example Layout
INPUT BIAS CURRENT RETURN PATH
The input bias current of the AD8222 must have a return path
to common. When the source, such as a thermocouple, cannot
provide a return current path, one should be created, as shown
in Figure 47.
THERMOCOUPLE
+VS
REF
–VS
AD8222
CAPACITIVELY COUPLED
+VS
REF
C
C
–VS
AD8222
TRANSFORMER
+VS
REF
–VS
AD8222
INCORRECT
CAPACITIVELY COUPLED
+VS
REF
C
R
R
C
–VS
AD8222
1
fHIGH-PASS = 2πRC
THERMOCOUPLE
+VS
REF
–VS
10MΩ
AD8222
TRANSFORMER
+VS
REF
–VS
AD8222
CORRECT
Figure 47. Creating an IBIAS Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com