Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8222HBCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8222HBCPZ-R7
Description  Precision, Dual-Channel Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222HBCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8222HBCPZ-R7 Datasheet HTML 1Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 2Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 3Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 4Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 5Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 6Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 7Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8222
Rev. A | Page 5 of 24
VS = ±15 V, VREF = 0 V, TA = 25°C, RL = 2 kΩ, unless otherwise noted.
Table 3. Single-Ended Output Configuration—Dynamic Performance (Both Amplifiers)
A Grade
B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 1
1200
1200
kHz
G = 10
750
750
kHz
G = 100
140
140
kHz
G = 1000
15
15
kHz
Settling Time 0.01%
10 V step
G = 1 to 100
10
10
μs
G = 1000
80
80
μs
Settling Time 0.001%
10 V step
G = 1 to 100
13
13
μs
G = 1000
110
110
μs
Slew Rate
G = 1
1.5
2
1.5
2
V/μs
G = 5 to 1000
2
2.5
2
2.5
V/μs
Table 4. Differential Output Configuration1—Dynamic Performance
A Grade
B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 1
1000
1000
kHz
G = 10
650
650
kHz
G = 100
140
140
kHz
G =1000
15
15
kHz
Settling Time 0.01%
10 V step
G = 1 to 100
15
15
μs
G = 1000
80
80
μs
Settling Time 0.001%
10 V step
G = 1 to 100
18
18
μs
G = 1000
110
110
μs
Slew Rate
G = 1
1.5
2
1.5
2
V/μs
G = 5 to 1000
2
2.5
2
2.5
V/μs
1 Refers to differential configuration shown in Figure 49.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com