Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8222HBCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8222HBCPZ-R7
Description  Precision, Dual-Channel Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222HBCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8222HBCPZ-R7 Datasheet HTML 5Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 6Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 7Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 9Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 10Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 11Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 12Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8222
Rev. A | Page 9 of 24
200
150
100
50
0
–50
–100
–150
–200
–15
15
10
5
0
–5
–10
COMMON-MODE VOLTAGE (V)
VS = ±15V
VS = ±5V
Figure 9. IBIAS vs. Common-Mode Voltage
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
02
46
8
10
WARM-UP TIME (Minutes)
Figure 10. Change in Input Offset Voltage vs. Warm-Up Time
1000
800
600
400
200
0
–200
–400
–600
–800
–1000
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
POSITIVE
OFFSET CURRENT
NEGATIVE
Figure 11. Input Bias Current and Offset Current vs. Temperature
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0.1
1M
100k
10k
1k
100
10
1
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
BANDWIDTH
LIMITED
Figure 12. Positive PSRR vs. Frequency, RTI (G = 1 to 1000)
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0.1
1M
100k
10k
1k
100
10
1
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 13. Negative PSRR vs. Frequency, RTI (G = 1 to 1000)
10k
1k
100
10
1
1
10M
1M
100k
10k
1k
100
10
SOURCE RESISTANCE (Ω)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 14. Total Drift vs. Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com