Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8222HBCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8222HBCPZ-R7
Description  Precision, Dual-Channel Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222HBCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8222HBCPZ-R7 Datasheet HTML 4Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 5Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 6Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 7Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 9Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 10Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 11Page - Analog Devices AD8222HBCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8222
Rev. A | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
500
400
300
200
100
0
–50
50
40
30
20
10
0
–10
–20
–30
–40
CMRR (µV/V)
N = 1713
Figure 3. Typical Distribution for CMRR (G = 1)
300
250
200
150
100
10
0
–100
100
80
60
40
20
0
20
40
60
80
VOSI (µV)
N = 1713
Figure 4. Typical Distribution of Input Offset Voltage
700
600
500
400
300
200
100
0
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
IBIAS (nA)
N = 1713
Figure 5. Typical Distribution of Input Bias Current
800
600
400
200
0
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
IOFFSET (nA)
Figure 6. Typical Distribution of Input Offset Current
15
–15
–10
–5
0
5
10
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
VS = ±5V
VS = ±15V
Figure 7. Input Common-Mode Range vs. Output Voltage, G = 1
15
–15
–10
–5
0
5
10
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
VS = ±5V
VS = ±15V
Figure 8. Input Common-Mode Range vs. Output Voltage, G = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com