Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224BCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8224BCPZ-R7
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224BCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8224BCPZ-R7 Datasheet HTML 1Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 2Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 3Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 4Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 5Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 6Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 7Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD8224
Rev. B | Page 5 of 28
VS+ = +15 V, VS− = −15 V, VREF = 0 V, TA = 25°C, G = 1, RL = 2 kΩ1, unless otherwise noted. Table 3 displays the specifications for the
dynamic performance of each individual instrumentation amplifier.
Table 3. Dynamic Performance of Each Individual Amplifier—Single-Ended Output Configuration, VS = ±15 V
A Grade
B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal Bandwidth −3 dB
G = 1
1500
1500
kHz
G = 10
800
800
kHz
G = 100
120
120
kHz
G =1000
14
14
kHz
Settling Time 0.01%
ΔVO = ±10 V step
G = 1
5
5
μs
G = 10
4.3
4.3
μs
G = 100
8.1
8.1
μs
G =1000
58
58
μs
Settling Time 0.001%
ΔVO = ±10 V step
G = 1
6
6
μs
G = 10
4.6
4.6
μs
G = 100
9.6
9.6
μs
G =1000
74
74
μs
Slew Rate
G = 1 to 100
2
2
V/μs
1 When the output sinks more than 4 mA, use a 47 pF capacitor in parallel with the load to prevent ringing. Otherwise, use a larger load, such as 10 kΩ.
VS+ = +15 V, VS− = −15 V, VREF = 0 V, TA = 25°C, G = 1, RL = 2 kΩ1, unless otherwise noted. Table 4 displays the specifications for the
dynamic performance of both amplifiers when used in the differential output configuration shown in Figure 63.
Table 4. Dynamic Performance of Both Amplifiers—Differential Output Configuration2, VS = ±15 V
A Grade
B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal Bandwidth −3 dB
G = 1
1500
1500
kHz
G = 10
800
800
kHz
G = 100
120
120
kHz
G =1000
14
14
kHz
Settling Time 0.01%
ΔVO = ±10 V step
G = 1
5
5
μs
G = 10
4.3
4.3
μs
G = 100
8.1
8.1
μs
G =1000
58
58
μs
Settling Time 0.001%
ΔVO = ±10 V step
G = 1
6
6
μs
G = 10
4.6
4.6
μs
G = 100
9.6
9.6
μs
G =1000
74
74
μs
Slew Rate
G = 1 to 100
2
2
V/μs
1 When the output sinks more than 4 mA, use a 47 pF capacitor in parallel with the load to prevent ringing. Otherwise, use a larger load, such as 10 kΩ.
2 Refers to the differential configuration shown in
.
Figure 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com