Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224BCPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8224BCPZ-R7
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224BCPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8224BCPZ-R7 Datasheet HTML 7Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 9Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 10Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 11Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 12Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 13Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 14Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8224
Rev. B | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
25°C, VS = ±15 V, RL =10 kΩ, unless otherwise noted.
0
CMRR (µV/V)
–40
–20
0
20
40
400
350
300
250
200
150
100
50
Figure 4. Typical Distribution of CMRR (G = 1)
0
VOSI (µV)
–200
–100
0
100
200
400
350
300
250
200
150
100
50
Figure 5. Typical Distribution of Input Offset Voltage
400
300
200
100
0
–1200
–900
–600
–300
0
300
600
900
1200
VOSO (µV)
Figure 6. Typical Distribution of Output Offset Voltage
1000
1
1
100k
FREQUENCY (Hz)
10
100
1k
10k
10
100
GAIN = 100 BANDWIDTH ROLL-OFF
GAIN = 1
GAIN = 10
GAIN = 100/GAIN = 1000
GAIN = 1000 BANDWIDTH ROLL-OFF
Figure 7. Voltage Spectral Density vs. Frequency
XX
XX
XX
XX
XXX (X)
1s/DIV
5µV/DIV
Figure 8. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1)
XX
XX
XX
XX
XXX (X)
1s/DIV
1µV/DIV
Figure 9. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com