Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224BCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8224BCPZ-R7
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224BCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8224BCPZ-R7 Datasheet HTML 10Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 11Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 12Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 13Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 14Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 15Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 16Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 17Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD8224
Rev. B | Page 14 of 28
OUTPUT VOLTAGE (V)
–8
–10
–6
–4
–2
0
2
4
6
8
10
RLOAD = 2kΩ
RLOAD = 10kΩ
VS = ±15V
Figure 22. Gain Nonlinearity, G = 100
OUTPUT VOLTAGE (V)
–8
–10
–6
–4
–2
0
2
4
6
8
10
RLOAD = 2kΩ
RLOAD = 10kΩ
VS = ±15V
Figure 23. Gain Nonlinearity, G = 1000
18
–18
–16
16
OUTPUT VOLTAGE (V)
12
6
0
–6
–12
–12
–8
–4
0
4
8
12
–15.3V
+13V
±15V SUPPLIES
±5V SUPPLIES
+14.9V, –8.3V
+14.9V, +5.5V
+4.95V, –3.3V
+4.95V, +0.6V
–14.8V, +5.5V
–14.8V, –8.3V
–4.8V, –3.3V
–4.8V, +0.6V
–5.3V
+3V
Figure 24. Input Common-Mode Voltage Range vs. Output Voltage,
G = 1, VREF = 0 V
012
34
5
4
–1
–1
6
OUTPUT VOLTAGE (V)
3
2
1
0
–0.3V
+3V
+4.9V, +0.5V
+4.9V, +1.7V
+5V SINGLE SUPPLY,
VREF = +2.5V
+0.1V, +0.5V
+0.1V, +1.7V
Figure 25. Input Common-Mode Voltage Range vs. Output Voltage,
G = 1, VS = 5 V, VREF = 2.5 V
18
–18
–16
16
OUTPUT VOLTAGE (V)
12
6
0
–6
–12
–12
–8
–4
0
4
8
12
+13V
–15.3V
±15V SUPPLIES
+14.9V, –9V
+14.9V, +5.4V
+4.9V, +0.5V
+4.9V, –4.1V
–4.9V, +0.4V
–4.9V, –4.1V
–5.3V
+3V
–14.8V, –9V
–14.9V, +5.4V
±5V SUPPLIES
Figure 26. Input Common-Mode Voltage Range vs. Output Voltage,
G = 100, VREF = 0 V
012
34
5
4
–1
–1
6
OUTPUT VOLTAGE (V)
3
2
1
0
+3V
–0.3V
+4.9V, +1.7V
+4.9V, –0.5V
+0.1V, +1.7V
+0.1V, –0.5V
+5V SINGLE SUPPLY,
VREF = +2.5V
Figure 27. Input Common-Mode Voltage Range vs. Output Voltage,
G = 100, VS = 5 V, VREF = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com