Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224BCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8224BCPZ-R7
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224BCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8224BCPZ-R7 Datasheet HTML 16Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 17Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 18Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 19Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 20Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 21Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 22Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 23Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8224
Rev. B | Page 20 of 28
THEORY OF OPERATION
Q2
Q1
NODE A
NODE B
NODE C
NODE D
VB
C1
C2
A1
A2
–VS
+VS
–VS
J1
+IN
VPINCH
+VS
–VS
J2
–IN
VPINCH
+VS
–VS
RG
+VS
+VS
+VS
–VS
20kΩ
20kΩ
20kΩ
20kΩ
+VS
–VS
+VS
–VS
REF
OUTPUT
A3
NODE E
NODE F
I
I
R2
24.7kΩ
R1
24.7kΩ
Figure 55. Simplified Schematic
The AD8224 is a JFET input, monolithic instrumentation amplifier
based on the classic three op amp topology (see Figure 55). Input
Transistor J1 and Input Transistor J2 are biased at a fixed current so
that any input signal forces the output voltages of A1 and A2 to
change accordingly. The input signal creates a current through RG
that flows in R1 and R2 such that the outputs of A1 and A2 provide
the correct, gained signal. Topologically, J1, A1, and R1 and J2, A2,
and R2 can be viewed as precision current feedback amplifiers with
a gain bandwidth of 1.5 MHz. The common-mode voltage and
amplified differential signal from A1 and A2 are applied to a
difference amplifier that rejects the common-mode voltage but
amplifies the differential signal. The difference amplifier employs
20 kΩ laser trimmed resistors that result in an in-amp with a gain
error of less than 0.04%. New trim techniques were developed to
ensure that the CMRR exceeds 86 dB (G = 1).
Using JFET transistors, the AD8224 offers an extremely high
input impedance, extremely low bias currents of 10 pA maximum,
low offset current of 0.6 pA maximum, and no input bias
current noise. In addition, input offset is less than 175 μV
and drift is less than 5 μV/°C. Ease of use and robustness were
considered. A common problem for instrumentation amplifiers
is that at high gains, when the input is overdriven, an excessive
milliampere input bias current can result, and the output can
undergo phase reversal.
Overdriving the input at high gains refers to when the input
signal is within the supply voltages but the amplifier cannot
output the gained signal. For example, at a gain of 100, driving
the amplifier with 10 V on ±15 V constitutes overdriving the
inputs because the amplifier cannot output 100 V.
The AD8224 has none of these problems; its input bias current
is limited to less than 10 μA, and the output does not phase
reverse under overdrive fault conditions.
The AD8224 has extremely low load induced nonlinearity. All
amplifiers that comprise the AD8224 have rail-to-rail output
capability for enhanced dynamic range. The input of the AD8224
can amplify signals with wide common-mode voltages even
slightly lower than the negative supply rail. The AD8224 operates
over a wide supply voltage range. It can operate from either a
single +4.5 V to +36 V supply or a dual ±2.25 V to ±18 V. The
transfer function of the AD8224 is
G
R
G
kΩ
49.4
1 +
=
Users can easily and accurately set the gain using a single,
standard resistor. Because the input amplifiers employ a current
feedback architecture, the AD8224 gain bandwidth product
increases with gain, resulting in a system that does not experience
as much bandwidth loss as voltage feedback architectures at
higher gains.
GAIN SELECTION
Placing a resistor across the RG terminals sets the gain of the
AD8224. This is calculated by referring to Table 12 or by using
the following gain equation
1
kΩ
49.4
−
=
G
R
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com