Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224BCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8224BCPZ-R7
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224BCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8224BCPZ-R7 Datasheet HTML 6Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 7Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 9Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 10Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 11Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 12Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 13Page - Analog Devices AD8224BCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8224
Rev. B | Page 10 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
9
–IN1 1
RG1 2
RG1 3
+IN1 4
PIN 1
INDICATOR
TOP VIEW
AD8224
–IN2
RG2
RG2
+IN2
NOTES
1. THE AD8224 COMES IN TWO PACKAGE TYPES—EACH IS A 16 LEAD
4mm × 4mm LFCSP. ONE PACKAGE HAS AN EXPOSED THERMAL PAD,
WHICH IS CONNECTED TO +VS. THE OTHER PACKAGE TYPE DOES NOT
EXPOSE THE THERMAL PAD. SEE THE PACKAGE CONSIDERATIONS
SECTION FOR MORE INFORMATION.
Figure 3. Pin Configuration
Table 11. Pin Function Descriptions
Pin Number
Mnemonic
Description
1
−IN1
Negative Input Instrumentation Amplifier (In-Amp) 1
2
RG1
Gain Resistor In-Amp 1
3
RG1
Gain Resistor In-Amp 1
4
+IN1
Positive Input In-Amp 1
5
+VS
Positive Supply
6
REF1
Reference Adjust In-Amp 1
7
REF2
Reference Adjust In-Amp 2
8
−VS
Negative Supply
9
+IN2
Positive Input In-Amp 2
10
RG2
Gain Resistor In-Amp 2
11
RG2
Gain Resistor In-Amp 2
12
−IN2
Negative Input In-Amp 2
13
−VS
Negative Supply
14
OUT2
Output In-Amp 2
15
OUT1
Output In-Amp 1
16
+VS
Positive Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com