Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8226ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8226ARZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8226ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Wide Supply Range, Rail-to-Rail
Output Instrumentation Amplifier
AD8226
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Gain set with 1 external resistor
Gain range: 1 to 1000
Input voltage goes below ground
Inputs protected beyond supplies
Very wide power supply range
Single supply: 2.2 V to 36 V
Dual supplies: ±1.35 V to ±18 V
Bandwidth (G = 1): 1.5 MHz
CMRR (G = 1): 90 dB minimum for BR models
Input noise: 22 nV/√Hz
Typical supply current: 350 μA
Specified temperature: −40°C to +125°C
8-lead SOIC and MSOP packages
APPLICATIONS
Industrial process controls
Bridge amplifiers
Medical instrumentation
Portable data acquisition
Multichannel systems
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
–IN
1
RG
2
RG
3
+IN
4
+VS
8
VOUT
7
REF
6
–VS
5
AD8226
Figure 1.
Table 1. Instrumentation Amplifiers by Category1
General
Purpose
Zero
Drift
Military
Grade
Low
Power
High Speed
PGA
AD8220
AD8231
AD620
AD627
AD8250
AD8221
AD8290
AD621
AD623
AD8251
AD8222
AD8293
AD524
AD8223
AD8253
AD8224
AD8553
AD526
AD8226
AD8228
AD8556
AD624
AD8227
AD8295
AD8557
1 Visit www.analog.com for the latest instrumentation amplifiers.
GENERAL DESCRIPTION
The AD8226 is a low cost, wide supply range instrumentation
amplifier that requires only one external resistor to set any gain
between 1 and 1000.
The AD8226 is designed to work with a variety of signal
voltages. A wide input range and rail-to-rail output allow the
signal to make full use of the supply rails. Because the input
range also includes the ability to go below the negative supply,
small signals near ground can be amplified without requiring dual
supplies. The AD8226 operates on supplies ranging from ±1.35 V
to ±18 V for dual supplies and 2.2 V to 36 V for single supply.
The robust AD8226 inputs are designed to connect to real-
world sensors. In addition to its wide operating range, the
AD8226 can handle voltages beyond the rails. For example,
with a ±5 V supply, the part is guaranteed to withstand ±35 V
at the input with no damage. Minimum as well as maximum
input bias currents are specified to facilitate open wire detection.
The AD8226 is perfect for multichannel, space-constrained
industrial applications. Unlike other low cost, low power
instrumentation amplifiers, the AD8226 is designed with
a minimum gain of 1 and can easily handle ±10 V signals.
With its MSOP package and 125°C temperature rating, the
AD8226 thrives in tightly packed, zero airflow designs.
The AD8226 is available in 8-lead MSOP and SOIC packages,
and is fully specified for −40°C to +125°C operation.
For a device with a similar package and performance as the
AD8226 but with gain settable from 5 to 1000, consider using
the AD8227.


Similar Part No. - AD8226ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226ARZ-R7 AD-AD8226ARZ-R7 Datasheet
547Kb / 16P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8226ARZ-R7 AD-AD8226ARZ-R7 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
More results

Similar Description - AD8226ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226 Datasheet
547Kb / 16P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8227 AD-AD8227 Datasheet
657Kb / 24P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8420 AD-AD8420 Datasheet
256Kb / 10P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8426 AD-AD8426 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
REV. A
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com