Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8226ARZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8226ARZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226ARZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8226ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD8226
Rev. A | Page 14 of 28
+VS
–0.2
–0.4
–0.6
–0.8
–VS
–0.2
–0.4
–0.6
–0.8
2
4
6
8
10
12
14
16
18
SUPPLY VOLTAGE (±VS)
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 33. Input Voltage Limit vs. Supply Voltage
+VS
–0.1
–0.2
–0.3
–0.4
–VS
+0.3
+0.2
+0.1
+0.4
2
4
6
8
10
12
14
16
18
SUPPLY VOLTAGE (±VS)
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 34. Output Voltage Swing vs. Supply Voltage, RL = 10 kΩ
+VS
–0.8
–1.0
–1.2
–0.2
–0.4
–0.6
–VS
+0.4
+0.2
+1.0
+0.8
+0.6
+1.2
2
4
6
8
10
12
14
16
18
SUPPLY VOLTAGE (±VS)
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 35. Output Voltage Swing vs. Supply Voltage, RL = 2 kΩ
15
10
5
0
–5
–10
–15
100
1k
10k
100k
LOAD RESISTANCE (
Ω)
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 36. Output Voltage Swing vs. Load Resistance
+VS
–VS
–0.2
+0.2
–0.4
+0.4
–0.6
+0.6
–0.8
+0.8
10µ
100µ
1M
10M
OUTPUT CURRENT (A)
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 37. Output Voltage Swing vs. Output Current, G = 1
8
G = 1
6
4
2
0
–2
–4
–6
–8
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
Figure 38. Gain Nonlinearity, G = 1, RL ≥ 2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com