Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8226ARZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8226ARZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226ARZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8226ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD8226
Rev. A | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, VS = ±15 V, RL = 10 kΩ, unless otherwise noted.
160
140
120
100
80
60
40
20
0
–900
–600
–300
0
300
600
900
VOSO @ ±15V (µV)
N: 2203
MEAN: 35.7649
SD: 229.378
Figure 3. Typical Distribution of Output Offset Voltage
240
210
180
150
120
90
60
30
0
–9
–6
–3
0
3
6
9
VOSO DRIFT (µV)
MEAN: –0.57
SD: 1.5762
Figure 4. Typical Distribution of Output Offset Voltage Drift
350
300
250
200
150
100
50
0
–400
–200
0
200
400
VOSI @ RG PINS @ ±15V (µV)
MEAN: –3.67283
SD: 51.1
Figure 5. Typical Distribution of Input Offset Voltage
250
200
150
100
50
0
–1.2
–0.9
–0.6
–0.3
0
0.3
0.6
0.9
1.2
VOSI DRIFT (µV)
MEAN: 0.041
SD: 0.224
Figure 6. Typical Distribution of Input Offset Voltage Drift, G = 100
180
150
120
90
30
60
0
18
20
22
24
26
POSITIVE IBIAS CURRENT @ ±15V (nA)
MEAN: 21.5589
SD: 0.624
Figure 7. Typical Distribution of Input Bias Current
300
250
200
150
100
50
0
–0.9
–0.6
–0.3
0
0.3
0.6
0.9
VOSI @ ±15V (nA)
MEAN: 0.003
SD: 0.075
Figure 8. Typical Distribution of Input Offset Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com