Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8226ARZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8226ARZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226ARZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8226ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8226
Rev. A | Page 11 of 28
+14.96V, +6.8V
–14.96V, –7.9V
+11.95V, +5.3V
+11.95V, –6.4V
0V, +14.3V
0V, +11.3V
–11.95V, +5.3V
–11.95V, –6.4V
0V, –15.4V
0V, –12.4V
+14.94V, –7.9V
+14.94V, +6.8V
–20
–15
–10
–5
0
10
5
15
20
OUTPUT VOLTAGE (V)
VS = ±15V
20
15
10
5
0
–5
–10
–20
–15
VS = ±12V
Figure 15. Input Common-Mode Voltage vs. Output Voltage,
Dual Supplies, VS = ±15 V, G = 1
2.25
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
–40 –35 –30 –25 –20 –15 –10 –5
0
5
10 15 20 25 30 35 40
INPUT VOLTAGE (V)
VS = 2.7V
G = 1
–VIN = 0V
VOUT
IIN
Figure 16. Input Overvoltage Performance, G = 1, VS = 2.7 V
16
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
14
12
10
8
6
4
2
0
–2
–4
–6
–8
–10
–12
–14
–16
–40 –35 –30 –25 –20 –15 –10 –5
0
5
10 15 20 25 30 35 40
INPUT VOLTAGE (V)
VS = ±15V
G = 1
–VIN = 0V
VOUT
IIN
Figure 17. Input Overvoltage Performance, G = 1, VS = ±15 V
+14.95V, +6.7V
–14.95V, –8.0V
+11.95V, +5.2V
+11.95V, –6.5V
0V, +14.2V
0V, +11.2V
–11.95V, +5.2V
–11.95V, –6.5V
0V, –15.4V
0V, –12.3V
+14.95V, –8.0V
+14.95V, +6.7V
–20
–15
–10
–5
0
10
5
15
20
OUTPUT VOLTAGE (V)
VS = ±15V
20
15
10
5
0
–5
–10
–20
–15
VS = ±12V
Figure 18. Input Common-Mode Voltage vs. Output Voltage,
Dual Supplies, VS = ±15 V, G = 100
2.25
2.50
2.75
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
–40 –35 –30 –25 –20 –15 –10 –5
0
5
10 15 20 25 30 35 40
INPUT VOLTAGE (V)
VS = 2.7V
G = 100
–VIN = 0V
VOUT
IIN
Figure 19. Input Overvoltage Performance, G = 100, VS = 2.7 V
16
0.5
0.6
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
14
12
10
8
6
4
2
0
–2
–4
–6
–8
–10
–12
–14
–16
–40 –35 –30 –25 –20 –15 –10 –5
0
5
10 15 20 25 30 35 40
INPUT VOLTAGE (V)
VS = ±15V
G = 100
–VIN = 0V
VOUT
IIN
Figure 20. Input Overvoltage Performance, G = 100, VS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com