Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8226ARZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8226ARZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226ARZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8226ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8226ARZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD8226
Rev. A | Page 15 of 28
8
6
4
2
0
–2
–4
–6
–8
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
G = 10
Figure 39. Gain Nonlinearity, G = 10, RL ≥ 2 kΩ
80
60
40
20
0
–20
–40
–60
–80
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
G = 100
Figure 40. Gain Nonlinearity, G = 100, RL ≥ 2 kΩ
800
600
400
200
0
–200
–400
–600
–800
–10
–8
–6
–4
–2
0
2
4
6
8
10
OUTPUT VOLTAGE (V)
G = 1000
Figure 41. Gain Nonlinearity, G = 1000, RL ≥ 2 kΩ
1k
100
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
BANDWIDTH
LIMITED
Figure 42. Voltage Noise Spectral Density vs. Frequency
1s/DIV
GAIN = 1000, 200nV/DIV
GAIN = 1, 1µV/DIV
Figure 43. 0.1 Hz to 10 Hz RTI Voltage Noise, G = 1, G = 1000
1k
100
10
1
10
100
1k
10k
FREQUENCY (Hz)
Figure 44. Current Noise Spectral Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com