Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC35256DM Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC35256DM
Description  Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC35256DM Datasheet(HTML) 8 Page - Sanyo Semicon Device

  LC35256DM Datasheet HTML 1Page - Sanyo Semicon Device LC35256DM Datasheet HTML 2Page - Sanyo Semicon Device LC35256DM Datasheet HTML 3Page - Sanyo Semicon Device LC35256DM Datasheet HTML 4Page - Sanyo Semicon Device LC35256DM Datasheet HTML 5Page - Sanyo Semicon Device LC35256DM Datasheet HTML 6Page - Sanyo Semicon Device LC35256DM Datasheet HTML 7Page - Sanyo Semicon Device LC35256DM Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PS No. 5823-8/8
LC35256D-10, LC35256DM, DT-70/10
Notes on Circuit Design
Take the following operations into account when designing circuits that use these products to assure that none of the
items in the maximum ratings are exceeded.
• Supply voltage variations and fluctuations
• Manufacturing variations in the electrical characteristics of the electrical components, including semiconductor
devices, resistors, and capacitors.
• Ambient temperature
• Variations and fluctuations in the input and clock signals
• Possible application of abnormal pulses
Parameters listed in the allowable operating ranges must never exceed their stipulated ranges.
If input pins to a CMOS IC are left open, through currents may occur in internal circuits to which intermediate potentials
are input and result in incorrect circuit operation. Always verify that any unused pins are set up in appropriate states.
This catalog provides information as of May, 1998. Specifications and information herein are subject to change
without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Œ Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.
Notes: 1. Reference value at Ta = 25°C, VCC = 3 V.
2. tRC: Read cycle time
Parameter
Symbol
Conditions
Ratings
Unit
min
typ*1
max
Data retention supply voltage
VDR
VCE ≥ VCC – 0.2 V
2.0
5.5
V
VCC = 3.0 V,
Ta
≤ 25°C
0.01
µA
Data retention current drain
ICCDR
VCE ≥ VCC – 0.2 V
Ta
≤ 60°C
0.7
µA
Ta
≤ 85°C
3.5
µA
Chip enable setup time
tCDR
0
ns
Chip enable hold time
tR
tRC*2
ns
Data Retention Characteristics at Ta = –40 to +85°C
Data Retention Waveforms
Note *: VCCL
5-V operation: 4.5 V
3-V operation: 2.7 V
Data retention mode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com