Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC35256DM Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC35256DM
Description  Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC35256DM Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC35256DM Datasheet HTML 1Page - Sanyo Semicon Device LC35256DM Datasheet HTML 2Page - Sanyo Semicon Device LC35256DM Datasheet HTML 3Page - Sanyo Semicon Device LC35256DM Datasheet HTML 4Page - Sanyo Semicon Device LC35256DM Datasheet HTML 5Page - Sanyo Semicon Device LC35256DM Datasheet HTML 6Page - Sanyo Semicon Device LC35256DM Datasheet HTML 7Page - Sanyo Semicon Device LC35256DM Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
No. 5823-5/8
LC35256D-10, LC35256DM, DT-70/10
Note *: Reference value at Ta = 25°C, VCC = 3 V.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ*
max
Input leakage current
ILI
VIN = 0 to VCC
–1.0
+1.0
µA
Output leakage current
ILO
VCE = VIH or VOE = VIH or VWE = VIL, VI/O = 0 to VCC
–1.0
+1.0
µA
High-level output voltage
VOH
IOH = –0.5 mA
VCC – 0.2
V
Low-level output voltage
VOL
IOL = 1.0 mA
0.2
V
Operating
VCC – 0.2 V/
VCE = VIL, VIN = VIH or VIL,
min
LC35256DM, DT-70
7
10
mA
current drain
0.2 V inputs
ICCA4
II/O = 0 mA, Duty 100%
cycle LC35256D, DM, DT-10
3
5
mA
1 µs cycle
1.5
2.5
mA
Standby mode
VCC – 0.2 V/
VCE ≥ VCC – 0.2 V,
Ta
≤ 25°C
0.01
µA
current drain
0.2 V inputs
ICCS1
VIN = 0 to VCC
Ta
≤ 60°C
0.8
µA
Ta
≤ 85°C
4.0
µA
DC Electrical Characteristics at Ta = –40 to +85°C, VCC = 2.7 to 3.6 V
AC Electrical Characteristics at Ta = –40 to +85°C, VCC = 2.7 to 3.6 V
LC35256D, DM, DT
Parameter
Symbol
-70*
-10
Unit
min
max
min
max
Read cycle time
tRC
200
500
ns
Address access time
tAA
200
500
ns
CE access time
tCA
200
500
ns
OE access time
tOA
100
250
ns
Output hold time
tOH
20
20
ns
CE output enable time
tCOE
20
20
ns
OE output enable time
tOOE
10
10
ns
CE output disable time
tCOD
60
120
ns
OE output disable time
tOOD
50
100
ns
Read Cycle
Note *: Specification values for the LC35256DM and LC35256DT.
AC test conditions
Input pulse voltage level
VIH = VCC – 0.2 V, VIL = 0.2 V
Input rise and fall times
10 ns
Input and output timing level
1.5 V
Output load
LC35256DM, DT-70
30 pF (Including jig capacitances.)
LC35256D, DM, DT-10
100 pF (Including jig capacitances.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com