Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC35256DM Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC35256DM
Description  Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC35256DM Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC35256DM Datasheet HTML 1Page - Sanyo Semicon Device LC35256DM Datasheet HTML 2Page - Sanyo Semicon Device LC35256DM Datasheet HTML 3Page - Sanyo Semicon Device LC35256DM Datasheet HTML 4Page - Sanyo Semicon Device LC35256DM Datasheet HTML 5Page - Sanyo Semicon Device LC35256DM Datasheet HTML 6Page - Sanyo Semicon Device LC35256DM Datasheet HTML 7Page - Sanyo Semicon Device LC35256DM Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Overview
The LC35256D, LC35256DM, and LC35256DT are
32768-word
× 8-bit asynchronous silicon gate CMOS
static RAMs. These devices use a 6-transistor full CMOS
memory cell, and feature low-voltage operation, low
current drain, and an ultralow standby current. They
provide two control signal inputs: an OE input for high-
speed access and a chip select (CE) input for device
selection and low power operating mode. This makes
these devices optimal for systems that require low power
or battery backup, and they allow memory to be expanded
easily. Their ultralow standby current allows capacitor-
based backup to be used as well. Since they support 3-V
operation, they are appropriate for use in portable systems
that operate from batteries.
Features
• Supply voltage range: 2.7 to 5.5 V
— 5-V operation:
5.0 V±10%
— 3-V operation:
2.7 to 3.6 V
• Access times
— 5-V operation
LC35256DM, DT-70:
70 ns (max)
LC35256D, DM, DT-10: 100 ns (max)
— 3-V operation
LC35256DM, DT-70:
200 ns (max)
LC35256D, DM, DT-10: 500 ns (max)
• Standby current
— 5-V operation: 1.0 µA (Ta
≤ 60°C),
5.0 µA (Ta
≤ 85°C)
— 3-V operation: 0.8 µA (Ta
≤ 60°C),
4.0 µA (Ta
≤ 85°C)
• Operating temperature range: –40 to +85°C
• Data retention supply voltage: 2.0 to 5.5 V
• All I/O levels
— 5-V operation: TTL compatible
— 3-V operation: VCC – 0.2 V/0.2 V
• Shared I/O pins and 3-state outputs
• No clock signal required.
• Packages
— 28-pin DIP (600 mil) plastic package: LC35256D
— 28-pin SOP (450 mil) plastic package: LC35256DM
— 28-pin TSOP (8
× 13.4 mm) plastic package:
LC35256DT
Package Dimensions
unit: mm
3012A-DIP28
unit: mm
3187-SOP28D
unit: mm
3221-TSOP28(type-I)
CMOS IC
51398RM (OT) No. 5823-1/8
SANYO: DIP28
[LC35256D]
SANYO: SOP28D
[LC35256DM]
SANYO: TSOP28(type-I)
[LC35256DT]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Dual Control Pins: OE and CE
256K (32768-word
× 8-bit) SRAM
LC35256D-10, LC35256DM, DT-70/10
Ordering number : EN5823


Similar Part No. - LC35256DM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
181Kb / 8P
256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256AS SANYO-LC35256AS Datasheet
181Kb / 8P
256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AT-10 SANYO-LC35256AT-10 Datasheet
181Kb / 8P
256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
More results

Similar Description - LC35256DM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
256K (32K words x 8 bits) SRAM Control pins: OE and CE
logo
Sony Corporation
CXK5V8257BTM SONY-CXK5V8257BTM Datasheet
204Kb / 9P
32768-word X 8-bit High Speed CMOS Static RAM
logo
Sanyo Semicon Device
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
logo
Hitachi Semiconductor
HN27C256G HITACHI-HN27C256G Datasheet
437Kb / 6P
32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM
logo
Sanyo Semicon Device
LC3564CM SANYO-LC3564CM Datasheet
71Kb / 11P
64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com