Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC35256DM Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC35256DM
Description  Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC35256DM Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC35256DM Datasheet HTML 1Page - Sanyo Semicon Device LC35256DM Datasheet HTML 2Page - Sanyo Semicon Device LC35256DM Datasheet HTML 3Page - Sanyo Semicon Device LC35256DM Datasheet HTML 4Page - Sanyo Semicon Device LC35256DM Datasheet HTML 5Page - Sanyo Semicon Device LC35256DM Datasheet HTML 6Page - Sanyo Semicon Device LC35256DM Datasheet HTML 7Page - Sanyo Semicon Device LC35256DM Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
No. 5823-3/8
LC35256D-10, LC35256DM, DT-70/10
Function Table
X : H or L
Note *: –3.0 V for pulse widths of up to 30 ns.
Note: These parameters are not measured in all units, but rather are only measured in sampled units.
Note *: –3.0 V for pulse widths of up to 30 ns.
Note *: Reference value at Ta = 25°C, VCC = 5 V.
Mode
CE
OE
WE
I/O
Supply current
Read cycle
L
L
H
Data output
ICCA
Write cycle
L
X
L
Data input
ICCA
Output disable
L
H
H
High-impedance
ICCA
Unselected
H
X
X
High-impedance
ICCS
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Input pin voltage
VIN
–0.3* to VCC + 0.3
V
I/O pin voltage
VI/O
–0.3 to VCC + 0.3
V
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
I/O pin capacitance
CI/O
VI/O = 0 V
6
10
pF
Input pin capacitance
CIN
VIN = 0 V
6
10
pF
I/O Capacitances at Ta = 25°C, f = 1 MHz
[5-V Operation]
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VCC
4.5
5.0
5.5
V
Input voltages
VIH
2.2
VCC + 0.3
V
VIL
–0.3*
+0.8
V
DC Allowable Operating Ranges at Ta = –40 to +85°C, VCC = 4.5 to 5.5 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ*
max
Input leakage current
ILI
VIN = 0 to VCC
–1.0
+1.0
µA
Output leakage current
ILO
VCE = VIH or VOE = VIH or VWE = VIL, VI/O = 0 to VCC
–1.0
+1.0
µA
High-level output voltage
VOH
IOH = –1.0 mA
2.4
V
Low-level output voltage
VOL
IOL = 2.0 mA
0.4
V
ICCA2
VCE = VIL, II/O = 0 mA, VIN = VIH or VIL
5.0
mA
Operating
TTL inputs
VCE = VIL, VIN = VIH or VIL,
min
LC35256DM, DT-70
35
40
mA
current drain
ICCA3
II/O = 0 mA, Duty 100%
cycle LC35256D, DM, DT-10
25
30
mA
1 µs cycle
3.5
6.0
mA
VCC – 0.2 V/
VCE ≥ VCC – 0.2 V,
Ta
≤ 25°C
0.01
µA
Standby mode
0.2 V inputs
ICCS1
VIN = 0 to VCC
Ta
≤ 60°C
1.0
µA
current drain
Ta
≤ 85°C
5.0
µA
TTL inputs
ICCS2
VCE = VIH, VIN = 0 to VCC
1.0
mA
DC Electrical Characteristics at Ta = –40 to +85°C, VCC = 4.5 to 5.5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com