Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC35256DM Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC35256DM
Description  Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC35256DM Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LC35256DM Datasheet HTML 1Page - Sanyo Semicon Device LC35256DM Datasheet HTML 2Page - Sanyo Semicon Device LC35256DM Datasheet HTML 3Page - Sanyo Semicon Device LC35256DM Datasheet HTML 4Page - Sanyo Semicon Device LC35256DM Datasheet HTML 5Page - Sanyo Semicon Device LC35256DM Datasheet HTML 6Page - Sanyo Semicon Device LC35256DM Datasheet HTML 7Page - Sanyo Semicon Device LC35256DM Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
No. 5823-6/8
LC35256D-10, LC35256DM, DT-70/10
LC35256D, DM, DT
Parameter
Symbol
-70*
-10
Unit
min
max
min
max
Write cycle time
tWC
200
500
ns
Address setup time
tAS
0
0
ns
Write pulse width
tWP
140
200
ns
CE setup time
tCW
150
250
ns
Write recovery time
tWR
0
0
ns
CE write recovery time
tWR1
0
0
ns
Data setup time
tDS
130
180
ns
Data hold time
tDH
0
0
ns
CE data hold time
tDH1
0
0
ns
WE output enable time
tWOE
10
10
ns
WE output disable time
tWOD
60
120
ns
Write Cycle
Note *: Specification values for the LC35256DM and LC35256DT.
Timing Charts
Read Cycle *1
*5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com