Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1850 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1850
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1850 Datasheet HTML 5Page - Analog Devices ADP1850 Datasheet HTML 6Page - Analog Devices ADP1850 Datasheet HTML 7Page - Analog Devices ADP1850 Datasheet HTML 8Page - Analog Devices ADP1850 Datasheet HTML 9Page - Analog Devices ADP1850 Datasheet HTML 10Page - Analog Devices ADP1850 Datasheet HTML 11Page - Analog Devices ADP1850 Datasheet HTML 12Page - Analog Devices ADP1850 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADP1850
Rev. 0 | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
100
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
LOAD (A)
VO = 3.3V, PSM
VO = 1.8V, PSM
VO = 3.3V, PWM
VO = 1.8V, PWM
VIN = 12V, 600kHz
Figure 4. Efficiency Plot of Figure 44
100
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
LOAD (A)
VO = 5V, PSM
VO = 1.8V, PSM
VO = 5V, PWM
VO = 1.8V, PWM
VIN = 12V, 750kHz
Figure 5. Efficiency Plot of Figure 45
–0.25
–0.20
–0.15
–0.10
–0.05
0
2.5
3.0
3.5
4.0
4.5
5.0
VIN (V)
50mA LOAD
100mA LOAD
Figure 6. LDO Load Regulation
4.65
4.70
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5
7
9
11
13
15
17
VIN (V)
NO LOAD ON LDO
100mA LOAD ON LDO
Figure 7. LDO Line Regulation
0
1
2
3
4
5
6
0
1
2
3
4
5
6
VIN (V)
Figure 8. VCCO vs. VIN
CH1 10V
CH3 5V
CH2 10V
M1µs
A CH1
5.60V
SW1
SW2
SYNC 600kHz
1
3
2
Figure 9. An Example of Synchronization, fSYNC = 600 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com