Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1850 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP1850
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP1850 Datasheet HTML 21Page - Analog Devices ADP1850 Datasheet HTML 22Page - Analog Devices ADP1850 Datasheet HTML 23Page - Analog Devices ADP1850 Datasheet HTML 24Page - Analog Devices ADP1850 Datasheet HTML 25Page - Analog Devices ADP1850 Datasheet HTML 26Page - Analog Devices ADP1850 Datasheet HTML 27Page - Analog Devices ADP1850 Datasheet HTML 28Page - Analog Devices ADP1850 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ADP1850
Rev. 0 | Page 25 of 32
PCB LAYOUT GUIDELINES
In any switching converter, there are some circuit paths that
carry high dI/dt, which can create spikes and noise. Some
circuit paths are sensitive to noise, while other circuits carry
high dc current and can produce significant IR voltage drops.
The key to proper PCB layout of a switching converter is to
identify these critical paths and arrange the components and
the copper area accordingly. When designing PCB layouts,
be sure to keep high current loops small. In addition, keep
compensation and feedback components away from the switch
nodes and their associated components.
The following is a list of recommended layout practices for the
synchronous buck controller, arranged by decreasing order of
importance.
MOSFETS, INPUT BULK CAPACITOR, AND BYPASS
CAPACITOR
The current waveform in the top and bottom FETs is a pulse
with very high dI/dt; therefore, the path to, through, and from
each individual FET should be as short as possible, and the two
paths should be commoned as much as possible. In designs that
use a pair of D-Pak, or a pair of SO-8 FETs, on one side of the
PCB, it is best to counter-rotate the two so that the switch node
is on one side of the pair. This allows the high-side FET’s drain
to be bypassed to the low-side FET’s source with a suitable
ceramic bypass capacitor placed as close as possible to the FETs.
Close proximity of the bypass capacitor minimizes the
inductance around the loop through the FETs and capacitor.
The recommended bypass ceramic capacitor values range from
1 µF to 22 µF, depending on the output current. The ceramic
bypass capacitor is usually connected to a larger value bulk filter
capacitor and should be grounded to the PGNDx plane.
HIGH CURRENT AND CURRENT SENSE PATHS
Part of the ADP1850 architecture is sensing the current across
the low-side FET between the SWx and PGNDx pins. The
switching GND currents of one channel creates noise and
can be picked up by the other channel. It is essential to have
Kelvin sensing connection between SWx and the drain of the
respective low-side MOSFET, and between PGNDx and the
source of the respective low-side MOSFET, as illustrated in
Figure 43. Place these Kelvin connections very close to the
FETs to achieve accurate current sensing. Figure 43 illustrates
the proper connection technique for the SW1/SW2, PGND1/
PGND2, and PGND plane.
ADP1850
DH1
SW1
M2
L1
VOUT1
VIN
M1
PGND
PLANE
COUT1
CIN1
M3
L2
VOUT2
VIN
M4
COUT2
CIN2
23
24
21
22
19
20
17
18
PGND2
DL2
SW2
DH2
DL1
PGND1
AGND
PLANE
KELVIN
CONNECTIONS
Figure 43. Grounding Technique for Two Channels
SIGNAL PATHS
The negative terminals of VIN bypass, compensation
components, soft start capacitor, and the bottom end of the
output feedback divider resistors should be tied to a small
AGND plane. These connections should attach from their
respective pins to the AGND plane and should be as short as
possible. No high current or high dI/dt signals should be
connected to this AGND plane. The AGND area should be
connected through one wide trace to the negative terminal of
the output filter capacitors.
PGND PLANE
The PGNDx pin handles a high dI/dt gate drive current returning
from the source of the low side MOSFET. The voltage at this pin
also establishes the 0 V reference for the overcurrent limit
protection function and the ILIMx pin. A PGND plane should
connect the PGNDx pin and the VDL bypass capacitor, 1 µF,
through a wide and direct path to the source of the low side
MOSFET. The placement of CIN is critical for controlling
ground bounce. The negative terminal of CIN must be placed
very close to the source of the low-side MOSFET.
FEEDBACK AND CURRENT LIMIT SENSE PATHS
Avoid long traces or large copper areas at the FBx and ILIMx
pins, which are low-level signal inputs that are sensitive to
capacitive and inductive noise pickup. It is best to position
any series resistors and capacitors as close as possible to these
pins. Avoid running these traces close and/or parallel to high
dI/dt traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com