Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1850 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP1850
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP1850 Datasheet HTML 23Page - Analog Devices ADP1850 Datasheet HTML 24Page - Analog Devices ADP1850 Datasheet HTML 25Page - Analog Devices ADP1850 Datasheet HTML 26Page - Analog Devices ADP1850 Datasheet HTML 27Page - Analog Devices ADP1850 Datasheet HTML 28Page - Analog Devices ADP1850 Datasheet HTML 29Page - Analog Devices ADP1850 Datasheet HTML 30Page - Analog Devices ADP1850 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADP1850
Rev. 0 | Page 27 of 32
TYPICAL OPERATING CIRCUITS
VCCO
VCCO
187k
Ω
EN1
SYNC
100nF
TO
VIN
VIN
VCCO
VDL
AGND
FREQ
EN2
SW1
DH1
PGND1
DL1
DL2
PGND2
DH2
SW2
ADP1850
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
42.2k
Ω
47pF
330pF
23.2k
Ω
47pF
560pF
100nF
22pF
1µF
0.1µF
0.1µF
1µF
1µF
2.1k
Ω
L2
M4
M3
22k
Ω
COUT22
COUT21
CIN2
VOUT2
1.8V
14A
VIN
2.1k
Ω
L1
M2
M1
22k
Ω
COUT12
COUT11
CIN1
VOUT1
3.3V
14A
VIN = 10V TO 18V
20k
Ω
10k
Ω
CIN1, CIN2: 10µF/X7R/25V/1210 × 2, GRM32DR71E106KA12, MURATA
COUT11, COUT21: 330µF/6.3V/POSCAP × 2, 6TPF330M9L, SANYO
COUT12, COUT22: 22µF/X5R/0805/6.3V × 3, GRM21BR60J226ME39, MURATA
fSW = 600kHz
CIN: 150µF/20V, OS-CON, 20SEP150M, SANYO
L1, L2: 1.2µH, WURTH ELEKTRONIK, 744325120
M1, M3: BSC080N03LS
M2, M4: BSC030N03LS
45.3k
Ω
10k
Ω
2
Ω
2
Ω
CIN
22pF
Figure 44. Typical 14 A Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com