Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1850 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1850
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1850 Datasheet HTML 15Page - Analog Devices ADP1850 Datasheet HTML 16Page - Analog Devices ADP1850 Datasheet HTML 17Page - Analog Devices ADP1850 Datasheet HTML 18Page - Analog Devices ADP1850 Datasheet HTML 19Page - Analog Devices ADP1850 Datasheet HTML 20Page - Analog Devices ADP1850 Datasheet HTML 21Page - Analog Devices ADP1850 Datasheet HTML 22Page - Analog Devices ADP1850 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
ADP1850
Rev. 0 | Page 19 of 32
OUTPUT CAPACITOR SELECTION
Choose the output bulk capacitor to set the desired output voltage
ripple. The impedance of the output capacitor at the switching
frequency multiplied by the ripple current gives the output
voltage ripple. The impedance is made up of the capacitive
impedance plus the nonideal parasitic characteristics, the
equivalent series resistance (ESR), and the equivalent series
inductance (ESL). The output voltage ripple can be
approximated by
×
+
×
+
∆
≅
∆
ESL
SW
OUT
SW
ESR
L
OUT
L
f
C
f
R
I
V
4
8
1
where:
∆V
OUT is the output ripple voltage.
∆I
L is the inductor ripple current.
RESR is the equivalent series resistance of the output capacitor (or
the parallel combination of ESR of all output capacitors).
LESL is the equivalent series inductance of the output capacitor
(or the parallel combination of ESL of all capacitors).
Solving COUT in the previous equation yields
ESL
SW
L
ESR
L
OUT
SW
L
OUT
L
f
I
R
I
V
f
I
C
×
∆
−
∆
−
∆
×
∆
≅
4
1
8
Usually the capacitor impedance is dominated by ESR. The
maximum ESR rating of the capacitor, such as in electrolytic or
polymer capacitors, is provided in the manufacturer’s data
sheet; therefore, output ripple reduces to
ESR
L
OUT
R
I
V
×
∆
≅
∆
Electrolytic capacitors also have significant ESL, on the order of
5 nH to 20 nH, depending on type, size, and geometry. PCB
traces contribute some ESR and ESL, as well. However, using
the maximum ESR rating from the capacitor data sheet usually
provides some margin such that measuring the ESL is not
usually required.
In the case of output capacitors where the impedance of the
ESR and ESL are small at the switching frequency, for instance,
where the output capacitor is a bank of parallel MLCC capaci-
tors, the capacitive impedance dominates and the output
capacitance equation reduces to
SW
OUT
L
OUT
f
V
I
C
×
∆
∆
≅
8
Make sure that the ripple current rating of the output capacitors
is greater than the maximum inductor ripple current.
During a load step transient on the output, for instance, when
the load is suddenly increased, the output capacitor supplies the
load until the control loop has a chance to ramp the inductor
current. This initial output voltage deviation results in a voltage
droop or undershoot. The output capacitance, assuming 0 Ω
ESR, required to satisfy the voltage droop requirement is
approximated by
SW
DROOP
STEP
OUT
f
V
I
C
×
∆
∆
≅
where:
∆ISTEP is the step load.
∆VDROOP is the voltage droop at the output.
When a load is suddenly removed from the output, the energy
stored in the inductor rushes into the capacitor, causing the
output to overshoot. The output capacitance required to satisfy
the output overshoot requirement can be approximated by
2
2
2
)
(
OUT
OVERSHOOT
OUT
STEP
OUT
V
V
V
L
I
C
−
∆
+
∆
≅
where:
∆VOVERSHOOT is the overshoot voltage during the step load.
Select the largest output capacitance given by any of the
previous three equations.
MOSFET SELECTION
The choice of MOSFET directly affects the dc-to-dc converter
performance. A MOSFET with low on resistance reduces I2R
losses, and low gate charge reduces transition losses. The
MOSFET should have low thermal resistance to ensure that the
power dissipated in the MOSFET does not result in excessive
MOSFET die temperature.
The high-side MOSFET carries the load current during on time
and usually carries most of the transition losses of the converter.
Typically, the lower the on resistance of the MOSFET, the
higher the gate charge and vice versa. Therefore, it is important
to choose a high-side MOSFET that balances the two losses. The
conduction loss of the high-side MOSFET is determined by the
equation


×
≅
IN
OUT
DSON
LOAD
C
V
V
R
I
P
2
)
(
where:
RDSON is the MOSFET on resistance.
The gate charging loss is approximated by the equation
SW
G
PV
G
f
Q
V
P
×
×
≅
where:
VPV is the gate driver supply voltage.
QG is the MOSFET total gate charge.
Note that the gate charging power loss is not dissipated in the
MOSFET but rather in the ADP1850 internal drivers. This
power loss should be taken into consideration when calculating
the overall power efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com